| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LP5907 Datasheet(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP5907 Datasheet(HTML) 19 Page - Texas Instruments |
|
19 / 34 page ![]() OUT IN GND PLANE Represents via used for application specific connections 1 2 3 4 C IN C OUT EN IN GND EN OUT N/C CIN COUT 1 2 3 4 5 VIN GND Enable VOUT GND 19 LP5907-Q1 www.ti.com SNVSA34E – SEPTEMBER 2014 – REVISED DECEMBER 2019 Product Folder Links: LP5907-Q1 Submit Documentation Feedback Copyright © 2014–2019, Texas Instruments Incorporated 10 Layout 10.1 Layout Guidelines The dynamic performance of the LP5907-Q1 is dependant on the layout of the PCB. PCB layout practices that are adequate for typical LDOs may degrade the PSRR, noise, or transient performance of the LP5907-Q1. Best performance is achieved by placing CIN and COUT on the same side of the PCB as the LP5907-Q1, and as close as is practical to the package. The ground connections for CIN and COUT must be back to the LP5907-Q1 ground pin using as wide and short copper traces as are practical. Avoid connections using long trace lengths, narrow trace widths, and/or connections through vias. These add parasitic inductances and resistance that results in inferior performance especially during transient conditions 10.2 Layout Examples Figure 23. LP5907MF-x.x (SOT-23) Typical Layout Figure 24. Layout Example for the DQN Package |