| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM335AM/NOPB Datasheet(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM335AM/NOPB Datasheet(HTML) 20 Page - Texas Instruments |
|
20 / 33 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 29-May-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LM335AM/NOPB Obsolete Production SOIC (D) | 8 - - Call TI Call TI -40 to 100 LM335 AM LM335AMX NRND Production SOIC (D) | 8 2500 | LARGE T&R No Call TI Level-1-235C-UNLIM -40 to 100 LM335 AM LM335AMX.B NRND Production SOIC (D) | 8 2500 | LARGE T&R No Call TI Level-1-235C-UNLIM -40 to 100 LM335 AM LM335AMX/NOPB Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 100 LM335 AM LM335AMX/NOPB.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 100 LM335 AM LM335AZ/NOPB Active Production TO-92 (LP) | 3 1800 | BULK - Call TI N/A for Pkg Type -40 to 100 LM335 AZ LM335AZ/NOPB.B Active Production TO-92 (LP) | 3 1800 | BULK - Call TI N/A for Pkg Type -40 to 100 LM335 AZ LM335H Active Production TO (NDV) | 3 1000 | SMALL T&R No Call TI Level-1-NA-UNLIM -40 to 100 ( LM335H, LM335H) LM335H.B Active Production TO (NDV) | 3 1000 | SMALL T&R No Call TI Level-1-NA-UNLIM -40 to 100 ( LM335H, LM335H) LM335H/NOPB Active Production TO (NDV) | 3 1000 | SMALL T&R Yes Call TI Level-1-NA-UNLIM -40 to 100 ( LM335H, LM335H) LM335H/NOPB.B Active Production TO (NDV) | 3 1000 | SMALL T&R Yes Call TI Level-1-NA-UNLIM -40 to 100 ( LM335H, LM335H) LM335M NRND Production SOIC (D) | 8 95 | TUBE No Call TI Level-1-235C-UNLIM -40 to 100 LM335 M LM335M.B NRND Production SOIC (D) | 8 95 | TUBE No Call TI Level-1-235C-UNLIM -40 to 100 LM335 M LM335M/NOPB Obsolete Production SOIC (D) | 8 - - Call TI Call TI -40 to 100 LM335 M LM335MX/NOPB Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 100 LM335 M LM335MX/NOPB.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 100 LM335 M LM335Z/LFT7 Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type - LM335 Z LM335Z/LFT7.B Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type -40 to 100 LM335 Z LM335Z/NOPB Active Production TO-92 (LP) | 3 1800 | BULK - Call TI N/A for Pkg Type -40 to 100 LM335 Z Addendum-Page 2 |