| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISO7520CDWR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO7520CDWR Datasheet(HTML) 3 Page - Texas Instruments |
|
3 / 28 page ![]() ISO7520C, ISO7521C www.ti.com SLLSE39E – JUNE 2010 – REVISED MAY 2015 Changes from Revision A (September 2010) to Revision B Page • Changed 5th Features subbullets........................................................................................................................................... 1 • Changed the first SWITCHING CHAR table, MAX value, 2nd row from 3.5 to 3.7 and third row from 4 to 4.9 .................... 8 • Changed the second SWITCHING CHAR table, MAX value, 2nd row from 4 to 5.6 and third row from 5 to 6.3 ................. 8 • Changed the third SWITCHING CHAR table, MAX value, 3rd row from 5 to 8.5 .................................................................. 8 • Changed the fourth SWITCHING CHAR table, MAX value, 3rd row from 6 to 6.8................................................................ 9 • Changed REGULATORY INFORMATION table , from: File Number: pending, to: File Number: E181974 ........................ 14 Changes from Original (June 2010) to Revision A Page • Added PIN DESCRIPTION table............................................................................................................................................ 4 • Changed tfs units in Switching Characteristics Table ............................................................................................................. 8 • Changed tfs units in Switching Characteristics Table ............................................................................................................. 8 • Changed tfs units in Switching Characteristics Table ............................................................................................................. 8 • Changed tfs units in Switching Characteristics Table ............................................................................................................. 9 • Deleted VIORM test conditions from INSULATION CHARACTERSISTCS table .................................................................. 12 • Added VPR parameter and Specifications in INSULATION CHARACTERSISTCS table ..................................................... 12 • Changed VIOTM row of the INSULATION CHARACTERISTICS tables ................................................................................ 12 • Changed VISO Specifications in INSULATION CHARACTERISTICS table .......................................................................... 12 • Changed Minimum internal gap limit from 0.016 to 0.014 mm............................................................................................. 12 Copyright © 2010–2015, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: ISO7520C ISO7521C |