| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F446MC Datasheet(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F446MC Datasheet(HTML) 53 Page - STMicroelectronics |
|
53 / 202 page ![]() DocID027107 Rev 6 53/202 STM32F446xC/E Pinout and pin description 66 -61 - K11 85 PD14 I/O FTf - TIM4_CH3, FMPI2C1_SCL, SAI2_SCK_A, FMC_D0, EVENTOUT - -62 - K12 86 PD15 I/O FTf - TIM4_CH4, FMPI2C1_SDA, FMC_D1, EVENTOUT - - - - J12 87 PG2 I/O FT - FMC_A12, EVENTOUT - - - - J11 88 PG3 I/O FT - FMC_A13, EVENTOUT - -- - J10 89 PG4 I/O FT - FMC_A14/FMC_BA0, EVENTOUT - - - - H12 90 PG5 I/O FT - FMC_A15/FMC_BA1, EVENTOUT - -- - H11 91 PG6 I/O FT - QUADSPI_BK1_NCS, DCMI_D12, EVENTOUT - - - - H10 92 PG7 I/O FT - USART6_CK, FMC_INT, DCMI_D13, EVENTOUT - -- - G11 93 PG8 I/O FT - SPDIFRX_IN2, USART6_RTS, FMC_SDCLK, EVENTOUT - - - - - 94 VSS S - - - - -- - F10 - VDD S - - - - - - E1 C11 95 VDDUSB S - - - - 37 63 F1 G12 96 PC6 I/O FTf - TIM3_CH1, TIM8_CH1, FMPI2C1_SCL, I2S2_MCK, USART6_TX, SDIO_D6, DCMI_D0, EVENTOUT - 38 64 F2 F12 97 PC7 I/O FTf - TIM3_CH2, TIM8_CH2, FMPI2C1_SDA, SPI2_SCK/I2S2_CK, I2S3_MCK, SPDIFRX_IN1, USART6_RX, SDIO_D7, DCMI_D1, EVENTOUT - 39 65 F3 F11 98 PC8 I/O FT - TRACED0, TIM3_CH3, TIM8_CH3, UART5_RTS, USART6_CK, SDIO_D0, DCMI_D2, EVENTOUT - Table 10. STM32F446xx pin and ball descriptions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |