Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PAMC0106M25DENR.B Datasheet(PDF) 13 Page - Texas Instruments

No. de pieza PAMC0106M25DENR.B
Descripción Electrónicos  AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

PAMC0106M25DENR.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button PAMC0106M25DENR.B Datasheet HTML 9Page - Texas Instruments PAMC0106M25DENR.B Datasheet HTML 10Page - Texas Instruments PAMC0106M25DENR.B Datasheet HTML 11Page - Texas Instruments PAMC0106M25DENR.B Datasheet HTML 12Page - Texas Instruments PAMC0106M25DENR.B Datasheet HTML 13Page - Texas Instruments PAMC0106M25DENR.B Datasheet HTML 14Page - Texas Instruments PAMC0106M25DENR.B Datasheet HTML 15Page - Texas Instruments PAMC0106M25DENR.B Datasheet HTML 16Page - Texas Instruments PAMC0106M25DENR.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
6.3.4 Digital Output
A differential input signal of 0V ideally produces a stream of ones and zeros that is high 50% of the time.
A differential input of 250mV produces a stream of ones and zeros that is high 89.06% of the time. With 16
bits of resolution, that percentage ideally corresponds to code 58368. A differential input of 250mV produces a
stream of ones and zeros that are high 10.94% of the time. With 16 bits of resolution, that percentage ideally
corresponds to code 7168. These input voltages are also the specified linear range of the AMC0106M25. If the
input voltage value exceeds this range, the output of the modulator shows increasing nonlinear behavior as the
quantization noise increases. The modulator output clips with a constant stream of zeros with an input ≤320mV
or with a constant stream of ones with an input ≥320mV. In this case, however, the AMC0106M25 generates a
single 1 or 0 every 128 clock cycles to indicate proper device function. A single 1 is generated if the input is at
negative full-scale and a 0 is generated if the input is at positive full-scale. See the Output Behavior in Case of a
Full-Scale Input section for more details. Figure 6-4 shows the input voltage versus the output modulator signal.
Modulator Output
+ FS (Analog Input)
– FS (Analog Input)
Analog Input
Figure 6-4. Modulator Output vs Analog Input
The density of ones in the output bitstream is calculated using Equation 1 for any input voltage (VIN = VINP –
VINN) value. Except for a full-scale input signal, as described in Output Behavior in Case of a Full-Scale Input
section.
ρ=VIN+VClipping
2×VClipping
(1)
6.3.4.1 Output Behavior in Case of a Full-Scale Input
If a full-scale input signal is applied to the AMC0106M25, the device generates a single one or zero every 128
bits at DOUT. Figure 6-5 shows a timing diagram of this process. A single 1 or 0 is generated depending on
the actual polarity of the signal being sensed. A full-scale signal is defined when |VIN| ≥ |VClipping|. In this way,
differentiating between a missing AVDD and a full-scale input signal is possible on the system level.
DOUT
CLKIN
127 CLKIN cycles
127 CLKIN cycles
VIN
–320 mV
VIN ≥ 320 mV
DOUT
Figure 6-5. Full-Scale Output of the AMC0106M25
www.ti.com
AMC0106M25
SBASAX1 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AMC0106M25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com