| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD54HC147 Datasheet(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD54HC147 Datasheet(HTML) 8 Page - Texas Instruments |
|
8 / 24 page ![]() 6 Detailed Description 6.1 Overview The CDx4HC147 and CD74HCT147 devices are high speed silicon-gate CMOS devices and are pin-compatible with low power Schottky TTL (LSTTL). The CDx4HC147 and CD74HCT147 9-input priority encoders accept data from nine active LOW inputs (l1 to l9) and provide binary representation on the four active LOW outputs (Y0 to Y3). A priority is assigned to each input so that when two or more inputs are simultaneously active, the input with the highest priority is represented on the output, with input line l9 having the highest priority. These devices provide the 10-line to 4-line priority encoding function by use of the implied decimal “zero”. The “zero” is encoded when all nine data inputs are HIGH, forcing all four outputs HIGH. 6.2 Functional Block Diagram Figure 6-1. Functional Block Diagram 6.3 Device Functional Modes Function Table lists the functional modes of the CDx4HC(T)147. Table 6-1. Truth Table (1) (2) (3) INPUTS OUTPUTS I1 I2 I3 I4 I5 I6 I7 I8 I9 Y3 Y2 Y1 Y0 H H H H H H H H H H H H H X X X X X X X X L L H H L X X X X X X X L H L H H H X X X X X X L H H H L L L X X X X X L H H H H L L H X X X X L H H H H H L H L X X X L H H H H H H L H H X X L H H H H H H H H L L X L H H H H H H H H H L H L H H H H H H H H H H H L (1) H = High logic level (2) L = Low logic level (3) X = Don't care CD54HC147, CD74HC147, CD74HCT147 SCHS149G – NOVEMBER 1998 – REVISED JANUARY 2025 www.ti.com 8 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: CD54HC147 CD74HC147 CD74HCT147 |