Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1605IPAPR Datasheet(PDF) 33 Page - Texas Instruments

No. de pieza ADS1605IPAPR
Descripción Electrónicos  16-Bit, 5MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1605IPAPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS1605IPAPR Datasheet HTML 29Page - Texas Instruments ADS1605IPAPR Datasheet HTML 30Page - Texas Instruments ADS1605IPAPR Datasheet HTML 31Page - Texas Instruments ADS1605IPAPR Datasheet HTML 32Page - Texas Instruments ADS1605IPAPR Datasheet HTML 33Page - Texas Instruments ADS1605IPAPR Datasheet HTML 34Page - Texas Instruments ADS1605IPAPR Datasheet HTML 35Page - Texas Instruments ADS1605IPAPR Datasheet HTML 36Page - Texas Instruments ADS1605IPAPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
27-Dec-2024
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
ADS1605IPAPR
HTQFP
PAP
64
1000
330.0
24.4
13.0
13.0
1.5
16.0
24.0
Q2
ADS1605IPAPT
HTQFP
PAP
64
250
180.0
24.4
13.0
13.0
1.5
16.0
24.0
Q2
ADS1606IPAPT
HTQFP
PAP
64
250
180.0
24.4
13.0
13.0
1.5
16.0
24.0
Q2
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com