Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1605IPAPT Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza ADS1605IPAPT
Descripción Electrónicos  16-Bit, 5MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1605IPAPT Datasheet(HTML) 4 Page - Texas Instruments

  ADS1605IPAPT Datasheet HTML 1Page - Texas Instruments ADS1605IPAPT Datasheet HTML 2Page - Texas Instruments ADS1605IPAPT Datasheet HTML 3Page - Texas Instruments ADS1605IPAPT Datasheet HTML 4Page - Texas Instruments ADS1605IPAPT Datasheet HTML 5Page - Texas Instruments ADS1605IPAPT Datasheet HTML 6Page - Texas Instruments ADS1605IPAPT Datasheet HTML 7Page - Texas Instruments ADS1605IPAPT Datasheet HTML 8Page - Texas Instruments ADS1605IPAPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
ADS1605
ADS1606
SBAS274H − MARCH 2003 − REVISED MAY 2007
www.ti.com
4
ELECTRICAL CHARACTERISTICS (continued)
All specifications at −40
°C to +85°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 40MHz, External VREF = +3V, 2XMODE = low, VCM = 2.0V,
FIFO disabled, and RBIAS = 37kΩ, unless otherwise noted.
PARAMETER
UNIT
MAX
TYP
MIN
TEST CONDITIONS
fIN = 100kHz, −2dBFS
96
dB
fIN = 100kHz, −6dBFS
101
dB
fIN = 100kHz, −20dBFS
85
96
dB
fIN = 500kHz, −2dBFS
95
dB
Spurious free dynamic range (SFDR)
fIN = 500kHz, −6dBFS
100
dB
Spurious free dynamic range (SFDR)
fIN = 500kHz, −20dBFS
95
dB
fIN = 2MHz, −2dBFS
102
dB
fIN = 2MHz, −6dBFS
105
dB
fIN = 2MHz, −20dBFS
96
dB
Intermodulation distortion (IMD)
f1 = 1.99MHz, −6dBFS
f = 2.00MHz, −6dBFS
−94
dB
Intermodulation distortion (IMD)
f1 = 1.99MHz, −6dBFS
f2 = 2.00MHz, −6dBFS
−94
dB
Aperture delay
4
ns
Digital Filter Characteristics
Passband
0
2.2
f
CLK
40MHz
MHz
Passband ripple
±0.0025
dB
Passband transition
−0.1dB attenuation
2.3
f
CLK
40MHz
MHz
Passband transition
−3.0dB attenuation
2.45
f
CLK
40MHz
MHz
Stop band
2.8
f
CLK
40MHz
37.2
f
CLK
40MHz
MHz
Stop band attenuation
72
dB
Group delay
5.2
40MHz
f
CLK
µs
Settling time
To
±0.001%
9.4
40MHz
f
CLK
µs
Static Specifications
Resolution
16
Bits
No missing codes
16
Bits
Input-referred noise
1.0
LSB, rms
Integral nonlinearity
−1.5dBFS signal
±0.75
LSB
Differential nonlinearity
±0.25
LSB
Offset error
0.05
%FSR
Offset error drift
1
ppmFSR/
°C
Gain error
0.25
%
Gain error drift
Excluding reference drift
10
ppm/
°C
Common-mode rejection
At dc
75
dB
Power-supply rejection
At dc
65
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com