| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
0062001 Datasheet(PDF) 1 Page - Lapp. |
|
|
|||||||||||||||||||||||||||||
0062001 Datasheet(HTML) 1 Page - Lapp. |
|
1 / 7 page ![]() PRODUCT INFORMATION ÖLFLEX® HEAT 180 SiF Versatile single core cable with extended temperature range ÖLFLEX® HEAT 180 SiF - fine wire silicone single core for use in machines, plant construction and toolbuilding for temperatures up to +180°C Info Flexible fine-wire copper conductor Temperature-resistant Halogen-free Cold-resistant Benefits Possesses insulating properties after combustion due to remaining SiO2 ash on the conductor Last Update (10.02.2018) 1 / 7 ©2018 Lapp Group - Technical changes reserved Product Management www.lappkabel.de You can find the current technical data in the corresponding data sheet. PN 0456 / 02_03.16 |
Número de pieza similar - 0062001 |
|
Descripción similar - 0062001 |