Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PL3378 Datasheet(PDF) 7 Page - Suzhou Juyuan Microelectronics Co., Ltd

No. de pieza PL3378
Descripción Electrónicos  Accurate CC/CVPrimarySidePWMPower Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PMICRO [Suzhou Juyuan Microelectronics Co., Ltd]
Página de inicio  https://pmicro.com.cn/en
Logo PMICRO - Suzhou Juyuan Microelectronics Co., Ltd

PL3378 Datasheet(HTML) 7 Page - Suzhou Juyuan Microelectronics Co., Ltd

  PL3378 Datasheet HTML 1Page - Suzhou Juyuan Microelectronics Co., Ltd PL3378 Datasheet HTML 2Page - Suzhou Juyuan Microelectronics Co., Ltd PL3378 Datasheet HTML 3Page - Suzhou Juyuan Microelectronics Co., Ltd PL3378 Datasheet HTML 4Page - Suzhou Juyuan Microelectronics Co., Ltd PL3378 Datasheet HTML 5Page - Suzhou Juyuan Microelectronics Co., Ltd PL3378 Datasheet HTML 6Page - Suzhou Juyuan Microelectronics Co., Ltd PL3378 Datasheet HTML 7Page - Suzhou Juyuan Microelectronics Co., Ltd PL3378 Datasheet HTML 8Page - Suzhou Juyuan Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Datasheet
PL3378
V1.2 © 2019
7
Fig.2. Voltage of Auxiliary-winding Waveform
Via a resistor divider connected between the
auxiliary winding and FB, the auxiliary voltage
is sampled based on the internal timing control.
Through the built-in error amplifier the sampled
voltage could be regulated at a preset level,
thus constant output voltage can be achieved.
During the CC mode of operation PL3378 will
regulate the output current at a constant level
regardless of the output voltage, while avoiding
continuous conduction mode.
9.4 Adjustable CC Point and Output
Power
In application of AC/DC power supply
application, we could change the Rs to get
different CC points and the maximum output
power only using one model .The larger Rs, the
smaller CC point is, and the smaller output
power becomes.
9.5 Switching Frequency and Lm
Tolerance Compensation
The system load condition and the operation
mode decide the switching frequency of
PL3378.The maximum switching frequency is
set by system design. In DCM assuming the
efficiency to 100%, the output power is given by
smooth it away, the switching frequency is
locked by an internal loop such that the
switching frequency is
fsw = 4/(7*Tdemag)
(4)
Where Tdemag is the discharge time of
inductance.
Since
Tdemag
is
inversely
proportional to the inductance, the error of
current in CC mode and max output power
caused by the variation of inductance will be
eliminated.
9.6 Adjustable Cable Drop
Compensation
Built-in cable drop compensation is used to get
better load regulation.
Without compensation of cable drop, the
voltage at the end of the cable between no load
and full load will not be the same caused by
cable drop. To get better load regulation, an
offset voltage is generated at FB pin by an
internal current flowing into the resister divider.
The current is proportional to the switching off
time, as a result, it is inversely proportional to
the output load current, thus the drop due to the
cable loss can be compensated.
In different applications using different cables,
we could adjust the resistance of the divider
connected to the FB pin. The larger impedance
of the cable, the larger divider will be used.
Po  1 LmfswI 2
2
Ppk
Vo IO
(3)
9.7 Protection Control
PL3378 has built-in rich protection features
Where Lm indicates the inductance of the
primary winding and IPpk is the peak current of
the primary winding.
Refer to the equation 3, the change of Lm
results in the change of Po and the constant
output current in the CC mode. The tolerance of
Lm will make CC worse in mass production. To
including Cycle-by-Cycle Current Limiting, VDD
over voltage, Under Voltage Lockout on VDD,
Output OVP and OTP Protection.
PL3378 is shut down when VDD drops below
the UVLO (ON) limit ,and the power converter
enters the power on start-up sequence
thereafter.
10 Packaging Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com