| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UTG22ST Datasheet(PDF) 1 Page - SOURIAU-SUNBANK Connection Technologies |
|
|
|||||||||||||||||||||||||||||
UTG22ST Datasheet(HTML) 1 Page - SOURIAU-SUNBANK Connection Technologies |
|
1 / 14 page ![]() ConnectionTechnologies Flammability rating UL94-V0 compliant Rapid and secure locking Locks with audible positive «click» Intermateable and interchangeable With UTO, UTP and UTS series Complete range of contacts Trim Trio contacts #16 UTG Series The plastic circular connector with metal locking UTG provides the complete answer to the need for economical lightweight and robust metal coupling |
Número de pieza similar - UTG22ST |
|
Descripción similar - UTG22ST |