| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HIP4080AIPZ Datasheet(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HIP4080AIPZ Datasheet(HTML) 4 Page - Renesas Technology Corp |
|
4 / 19 page ![]() HIP4080A FN3658 Rev.8.00 Page 4 of 19 Dec 11, 2019 Absolute Maximum Ratings Thermal Information Supply Voltage, VDD and VCC. . . . . . . . . . . . . . . . . . . . -0.3V to 16V Logic I/O Voltages . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V Voltage on AHS, BHS . . . -6.0V (Transient) to 80V (25°C to 125°C) Voltage on AHS, BHS . . . -6.0V (Transient) to 70V (-55°C to 125°C) Voltage on ALS, BLS . . . . . . . -2.0V (Transient) to +2.0V (Transient) Voltage on AHB, BHB . . . . . . VAHS, BHS -0.3V to VAHS, BHS +VDD Voltage on ALO, BLO. . . . . . . . . . . . VALS, BLS -0.3V to VCC +0.3V Voltage on AHO, BHO . . . . . . VAHS, BHS -0.3V to VAHB, BHB +0.3V Input Current, HDEL and LDEL . . . . . . . . . . . . . . . . . . -5mA to 0mA Phase Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V/ns All Voltages relative to VSS, unless otherwise specified. Operating Conditions Supply Voltage, VDD and VCC. . . . . . . . . . . . . . . . . . +9.5V to +15V Voltage on ALS, BLS . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to +1.0V Voltage on AHB, BHB . . . . . . . VAHS, BHS +5V to VAHS, BHS +15V Input Current, HDEL and LDEL . . . . . . . . . . . . . . . . -500µA to -50µA Operating Ambient Temperature Range . . . . . . . . . .-40°C to +85°C Thermal Resistance (Typical, Note 3) JA (°C/W) SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85 PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75 Maximum Power Dissipation at +85°C SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .470mW PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .530mW Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C Operating Max. Junction Temperature. . . . . . . . . . . . . . . . . . +125°C Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300°C (For SOIC - Lead Tips Only) CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTE: 3. JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details. Electrical Specifications VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 100K, and TA = +25°C, Unless Otherwise Specified PARAMETERS SYMBOL TEST CONDITIONS TJ = +25°C TJ = - 40°C TO +125°C UNITS MIN TYP MAX MIN MAX SUPPLY CURRENTS AND CHARGE PUMPS VDD Quiescent Current IDD IN- = 2.5V, Other Inputs = 0V 8 11 14 7 14 mA VDD Operating Current IDDO Outputs switching f = 500kHz, No Load 9 12 15 8 15 mA VCC Quiescent Current ICC IN- = 2.5V, Other Inputs = 0V, IALO = IBLO = 0 - 25 80 - 100 A VCC Operating Current ICCO f = 500kHz, No Load 1 1.25 2.0 0.8 3 mA AHB, BHB Quiescent Current - Qpump Output Current IAHB, IBHB IN- = 2.5V, Other Inputs = 0V, IAHO =IBHO = 0, VDD = VCC =VAHB = VBHB = 10V -50 -25 -11 -60 -10 A AHB, BHB Operating Current IAHBO, IBHBO f = 500kHz, No Load 0.62 1.2 1.5 0.5 1.9 mA AHS, BHS, AHB, BHB Leakage Current IHLK VBHS = VAHS = 80V, VAHB = VBHB = 93V - 0.02 1.0 - 10 A AHB-AHS, BHB-BHS Qpump Output Voltage VAHB - VAHS VBHB - VBHS IAHB = IAHB = 0, No Load 11.5 12.6 14.0 10.5 14.5 V INPUT COMPARATOR PINS: IN+, IN-, OUT Offset Voltage VOS Over Common Mode Voltage Range -10 0 +10 -15 +15 mV Input Bias Current IIB 00.5 2 0 4 A Input Offset Current IOS -1 0 +1-2+2 A Input Common Mode Voltage Range CMVR 1 - VDD -1.5 1VDD -1.5 V |