Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CYT2B97BAS Datasheet(PDF) 21 Page - Infineon Technologies AG

No. de pieza CYT2B97BAS
Descripción Electrónicos  TRAVEO™ T2G 32-bit Automotive MCU
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT2B97BAS Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button CYT2B97BAS Datasheet HTML 17Page - Infineon Technologies AG CYT2B97BAS Datasheet HTML 18Page - Infineon Technologies AG CYT2B97BAS Datasheet HTML 19Page - Infineon Technologies AG CYT2B97BAS Datasheet HTML 20Page - Infineon Technologies AG CYT2B97BAS Datasheet HTML 21Page - Infineon Technologies AG CYT2B97BAS Datasheet HTML 22Page - Infineon Technologies AG CYT2B97BAS Datasheet HTML 23Page - Infineon Technologies AG CYT2B97BAS Datasheet HTML 24Page - Infineon Technologies AG CYT2B97BAS Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 165 page
background image
Datasheet
21
002-22825 Rev. *J
2022-09-08
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M4F single
Peripheral I/O map
SMARTIO
Programmable I/O configuration
0x4032 0000
3
2
SMART I/O port configuration
0x4032 0C00
5
0x100
TCPWM
Timer/Counter/PWM 0 (TCPWM0)
0x4038 0000
3
3
TCPWM0 Group #0 (16-bit)
0x4038 0000
63
0x80
TCPWM0 Group #1 (16-bit, Motor control)
0x4038 8000
12
0x80
TCPWM0 Group #2 (32-bit)
0x4039 0000
4
0x80
EVTGEN
Event generator 0 (EVTGEN0)
0x403F 0000
3
4
Event generator 0 comparator structures
0x403F 0800
11
0x20
LIN
Local Interconnect Network 0 (LIN0)
0x4050 0000
5
0
LIN0 Channels
0x4050 8000
12
0x100
CXPI
Clock Extension Peripheral Interface 0
(CXPI0)
0x4051 0000
5
1
CXPI0 Channels
0x4051 8000
4
0x100
TTCANFD
CAN0 controller
0x4052 0000
4
0x200
5
2
Message RAM CAN0
0x4053 0000
0x7FFF
CAN1 controller
0x4054 0000
4
0x200
5
3
Message RAM CAN1
0x4055 0000
0x7FFF
SCB
Serial Communications Block
(SPI/UART/I2C)
0x4060 0000
8
0x10000
6
0-7
SAR PASS
Programmable Analog Subsystem (PASS0) 0x4090 0000
9
0
SAR0 channel controller
0x4090 0000
SAR1 channel controller
0x4090 1000
SAR2 channel controller
0x4090 2000
SAR0 channel structures
0x4090 0800
24
0x40
SAR1 channel structures
0x4090 1800
32
0x40
SAR2 channel structures
0x4090 2800
8
0x40
Table 6-1
CYT2B9 Peripheral I/O Map (continued)
Section
Description
Base
Address
Instances
Instance
Size
Group Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com