Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST7789VI Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

No. de pieza ST7789VI
Descripción Electrónicos  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SITRONIX [Sitronix Technology Co., Ltd.]
Página de inicio  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789VI Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST7789VI Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7789VI Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7789VI Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7789VI Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7789VI Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7789VI Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7789VI Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7789VI Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7789VI Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 316 page
background image
ST7789VI
Version 1.4
Page 21 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
PAD
No.
PIN Name
X
Y
301
G132
6447
250.58
302
G134
6433
119.58
303
G136
6419
250.58
304
G138
6405
119.58
305
G140
6391
250.58
306
G142
6377
119.58
307
G144
6363
250.58
308
G146
6349
119.58
309
G148
6335
250.58
310
G150
6321
119.58
311
G152
6307
250.58
312
G154
6293
119.58
313
G156
6279
250.58
314
G158
6265
119.58
315
G160
6251
250.58
316
G162
6237
119.58
317
G164
6223
250.58
318
G166
6209
119.58
319
G168
6195
250.58
320
G170
6181
119.58
321
G172
6167
250.58
322
G174
6153
119.58
323
G176
6139
250.58
324
G178
6125
119.58
325
G180
6111
250.58
326
G182
6097
119.58
327
G184
6083
250.58
328
G186
6069
119.58
329
G188
6055
250.58
330
G190
6041
119.58
331
G192
6027
250.58
332
G194
6013
119.58
333
G196
5999
250.58
334
G198
5985
119.58
PAD
No.
PIN Name
X
Y
335
G200
5971
250.58
336
G202
5957
119.58
337
G204
5943
250.58
338
G206
5929
119.58
339
G208
5915
250.58
340
G210
5901
119.58
341
G212
5887
250.58
342
G214
5873
119.58
343
G216
5859
250.58
344
G218
5845
119.58
345
G220
5831
250.58
346
G222
5817
119.58
347
G224
5803
250.58
348
G226
5789
119.58
349
G228
5775
250.58
350
G230
5761
119.58
351
G232
5747
250.58
352
G234
5733
119.58
353
G236
5719
250.58
354
G238
5705
119.58
355
G240
5691
250.58
356
G242
5677
119.58
357
G244
5663
250.58
358
G246
5649
119.58
359
G248
5635
250.58
360
G250
5621
119.58
361
G252
5607
250.58
362
G254
5593
119.58
363
G256
5579
250.58
364
G258
5565
119.58
365
G260
5551
250.58
366
G262
5537
119.58
367
G264
5523
250.58
368
G266
5509
119.58
PAD
No.
PIN Name
X
Y
369
G268
5495
250.58
370
G270
5481
119.58
371
G272
5467
250.58
372
G274
5453
119.58
373
G276
5439
250.58
374
G278
5425
119.58
375
G280
5411
250.58
376
G282
5397
119.58
377
G284
5383
250.58
378
G286
5369
119.58
379
G288
5355
250.58
380
G290
5341
119.58
381
G292
5327
250.58
382
G294
5313
119.58
383
G296
5299
250.58
384
G298
5285
119.58
385
G300
5271
250.58
386
G302
5257
119.58
387
G304
5243
250.58
388
G306
5229
119.58
389
G308
5215
250.58
390
G310
5201
119.58
391
G312
5187
250.58
392
G314
5173
119.58
393
G316
5159
250.58
394
G318
5145
119.58
395
G320
5131
250.58
396
S720
5075
119.58
397
S719
5061
250.58
398
S718
5047
119.58
399
S717
5033
250.58
400
S716
5019
119.58
401
S715
5005
250.58
402
S714
4991
119.58