Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS767D301MPWPREP.A Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPS767D301MPWPREP.A
Descripción Electrónicos  DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

TPS767D301MPWPREP.A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS767D301MPWPREP.A Datasheet HTML 2Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 3Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 4Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 5Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 6Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 7Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 8Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 9Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Line regulator (mV)
+ % V
V
O VI(max) * 2.7 V
100
1000
Line regulator (mV)
+ % V
V
O VI(max) * VO ) 1 V
100
1000
TPS767D301-EP
SGLS327A – FEBRUARY 2006 – REVISED APRIL 2010
www.ti.com
Electrical Characteristics
Vi = VO(nom) + 1 V, IO = 1 mA, EN = 0, CO = 10 mF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ = 25°C
VO
1.5 V
≤ VO ≤ 5.5 V,
Adjustable
TJ = –55°C to
10 mA < IO < 1 A
0.97VO
1.02VO
125°C
VO
Output voltage(1)
V
TJ = 25°C
3.3
4.3 V < VI < 10 V,
3.3-V output
TJ = –55°C to
10 mA < IO < 1 A
3.201
3.366
125°C
10 µA < IO < 1 A, TJ = 25°C
85
Quiescent current (GND current)
mA
for each LDO(1)
IO = 1 A, TJ = –55°C to 125°C
125
Output voltage line regulation
0.01
ΔVO/VO
VO + 1 V < VI ≤ 10 V, TJ = 25°C
%/V
for each LDO(1) (2)
BW = 200 Hz to 100 kHz, VO = 1.8 V,
Output noise voltage
55
µVRMS
IC = 1 A, CO = 10 mF, TJ = 25°C
Output current limit for each LDO
VO = 0 V
1.7
2
A
Thermal shutdown junction temperature
150
°C
TJ = 25°C
1
2.7 V < VI < 10 V,
Standby current for each LDO
mA
TJ = –55°C to
EN = VI
10
125°C
FB input current
Adjustable
FB = 1.5
2
nA
High-level enable input voltage
2
V
Low-level enable input voltage
0.8
V
Power-supply ripple rejection(1)
f = 1 KHz, TJ = 25°C, CO = 10 mF
60
dB
Minimum input voltage
IO(RESET) = 300 mA
1.1
V
for valid RESET
Trip threshold voltage
VO decreasing
92
98
%/VO
Hysteresis voltage
Measured at VO
0.5
Reset
Output low voltage
VI = 2.7 V,
IO(RESET ) = 1 mA
0.15
0.4
V
Leakage current
V(RESET) = 7 V
1
mA
RESET time-out delay
200
mV
EN = 0 V
–1
0
1
Input current
EN
mA
EN = VI
–1
1
Load regulation
3
mV
TJ = 25°C
350
Dropout voltage(3)
VO = 3.3 V, IO = 1 A
mV
TJ = –55°C to
575
125°C
(1)
The minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. The maximum IN voltage is 10 V.
(2)
If VO ≤ 1.8 V then VI(min) = 2.7 V, VI(max) = 10 V:
If VO ≥ 2.5 V, then VI(min) = VO + 1 V, and VI(max) = 10 V:
(3)
IN voltage equals VO(typ) – 100 mV; adjustable output voltage set to 3.3 V nominal with external resistor divider. Dropout voltage of 1.8 V
and 2.5 V is limited by input voltage-range limitations.
6
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS767D301-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com