| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BGY43 Datasheet(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BGY43 Datasheet(HTML) 3 Page - NXP Semiconductors |
|
3 / 8 page ![]() 1996 Jun 06 3 Philips Semiconductors Product specification VHF power amplifier module BGY43 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL PARAMETER MIN. MAX. UNIT VS1 DC supply voltage − 16.5 V VS2 DC supply voltage − 16.5 V Vi RF input terminal voltage − ±25 V Vo RF output terminal voltage − ±25 V PD input drive power − 300 mW PL load power − 18 W Tstg storage temperature −40 +100 °C Th operating heatsink temperature − 90 °C Fig.2 Power derating curve. VSWR = 1. handbook, halfpage −50 0 100 20 0 MGE661 50 Th (°C) 4 8 12 16 PL (W) |