| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLV27L1CDBVT Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV27L1CDBVT Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 26 page ![]() TLV27L1 TLV27L2 SLOS378B − SEPTEMBER 2001 − REVISED MARCH 2012 2 www.ti.com PACKAGE/ORDERING INFORMATION PRODUCT PACKAGE PACKAGE CODE SYMBOL SPECIFIED TEMPERATURE RANGE ORDER NUMBER TRANSPORT MEDIA TLV27L1CD SOIC 8 D 27V1C TLV27L1CD Tube TLV27L1CD SOIC-8 D 27V1C 0°C to 70°C TLV27L1CDR Tape and Reel TLV27L1CDBV SOT 23 DBV VBIC 0°C to 70°C TLV27L1CDBVR Tape and Reel TLV27L1CDBV SOT-23 DBV VBIC TLV27L1CDBVT Tape and Reel TLV27L1ID SOIC 8 D 27V1I TLV27L1ID Tube TLV27L1ID SOIC-8 D 27V1I 40°C to 125°C TLV27L1IDR Tape and Reel TLV27L1IDBV SOT 23 DBV VBII −40°C to 125°C TLV27L1IDBVR Tape and Reel TLV27L1IDBV SOT-23 DBV VBII TLV27L1IDBVT Tape and Reel TLV27L2CD SOIC 8 D 27V2C 0°C to 70°C TLV27L2CD Tube TLV27L2CD SOIC-8 D 27V2C 0°C to 70°C TLV27L2CDR Tape and Reel TLV27L2ID SOIC 8 D 27V2I 40°C to 125°C TLV27L2ID Tube TLV27L2ID SOIC-8 D 27V2I −40°C to 125°C TLV27L2IDR Tape and Reel absolute maximum ratings over operating free-air temperature (unless otherwise noted)† Supply voltage, VS 16.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI (see Note 1) VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output current, IO 100 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage, VID VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total power dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum junction temperature, TJ 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: C suffix 0°C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I suffix −40°C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65°C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 300°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: Relative to GND pin. DISSIPATION RATING TABLE PACKAGE θJC (°C/W) θJA (°C/W) TA≤ 25°C POWER RATING TA = 85°C POWER RATING D (8) 38.3 176 710 mW 370 mW DBV (5) 55 324.1 385 mW 201 mW DBV (6) 55 294.3 425 mW 221 mW recommended operating conditions MIN MAX UNIT Supply voltage (V ) Dual supply ±1.35 ±8 V Supply voltage, (VS) Single supply 2.7 16 V Input common-mode voltage range −0.2 VS−1.2 V Operating free air temperature T C-suffix 0 70 °C Operating free-air temperature, TA I-suffix −40 125 °C |