| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MP003252 Datasheet(PDF) 1 Page - Multicomp Pro |
|
|
|||||||||||||||||||||||||||||
MP003252 Datasheet(HTML) 1 Page - Multicomp Pro |
|
1 / 3 page ![]() Page <1> V1.0 05/09/22 Cable Marker Newark.com/multicomp-pro Farnell.com/multicomp-pro sg.element14.com/b/multicomp-pro Features • More effective in marker assembly. It can be applied after completing of terminal assembly to the wire. • Not easy to transfigure and beautiful, clear printing and longer lasting (not fade easily). • Strip off from the cutting point easily when used. Continuously SM type cable markers are string type and each one is connected. Specification Material : Nylon 6.6 Item No. Suitable Wire L (mm) Standard Markings Square AWG SM - 0 0.15 to 0.5 24 to 22 2.3 Solid number or letter roll for 0, 1, 2, 3, .... 9 A, B, C, D, .... Z SM - 1 0.5 to 1.5 20 to 18 2.9 SM - 2 1.5 to 2.5 16 to 14 2.8 SM - 3 4 to 6 12 to 10 2.9 Legend Legend Colour Market Colour Part Number 0 White Black SM0-0BK 1 Brown SM0-1BN 2 Black Red SM0-2RD 3 Orange SM0-3OE 4 Yellow SM0-4YW 5 Green SM0-5GN 6 Blue SM0-6BE 7 Purple SM0-7VT 8 Grey SM0-8GY Specification Table Legend Legend Colour Market Colour Part Number 9 Black White SM0-9WE 0 White Black SM1-0BK 1 Brown SM1-1BN 2 Black Red SM1-2RD 3 Orange SM1-3OE 4 Yellow SM1-4YW 5 Green SM1-5GN 6 Blue SM1-6BE 7 Purple SM1-7VT |
Número de pieza similar - MP003252 |
|
Descripción similar - MP003252 |