| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
A7AS Datasheet(PDF) 1 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A7AS Datasheet(HTML) 1 Page - Omron Electronics LLC |
|
1 / 4 page ![]() Part Number For front mounting type switch assembly terminals Accessory Light gray Black End Cap A7AS-M A7AS-M-1 Spacer NRT-Ps s NRT-Ps s-1 Connector Solder terminal NRT-C NRT-C PC terminal NRT-CP NRT-CP Thumbwheel Switch A7AS Easy-to-Assemble Thumbwheel Switch s Dustproof construction ensures highly reliable performance at low voltage and very small current even under adverse environmental conditions s Switch units can be assembled simply by fitting the integral hook coupler of each unit into the mating unit, thus eliminating the need of bolts and nuts for assembly Ordering Information s SWITCH UNITS Part Number Front mounting solder terminals Output Code Light gray case Black case 03 (decimal code) A7AS-203 A7AS-203-1 06 (binary code) A7AS-206 A7AS-206-1 (binary code w/+, – display) A7AS-206-PM A7AS-206-PM-1 07 (binary code w/diode provision) A7AS-207 A7AS-207-1 19 (decimal code w/diode provision) A7AS-219 A7AS-219-1 22 (compliment of BCD) A7AS-222 A7AS-222-1 s ACCESSORIES Note: 1. When placing your order, please specify the model numbers and quantities of required switch units, end caps, and spacers, respectively. (Note that switch units and accessories are not factory-assembled for shipment.) 2. Switch case, end cap, and spacer are made of polyacetal resin. 3. One of the following alphabetic codes must be filled into the boxed part of the model number to specify a legend to be hot stamped on the required spacer. 4. End caps come as a set -- left and right. Code Legend Code Legend A Hot stamp not required H cm B SEC J m C MIN K ºC D H L PCS E g Q x 10 SEC Fkg T0 Gmm |
Número de pieza similar - A7AS |
|
Descripción similar - A7AS |