Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LP5523TM/NOPB.B Datasheet(PDF) 25 Page - Texas Instruments

No. de pieza LP5523TM/NOPB.B
Descripción Electrónicos  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TM/NOPB.B Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP5523TM/NOPB.B Datasheet HTML 21Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 22Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 23Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 24Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 25Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 26Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 27Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 28Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
25
LP5523
www.ti.com
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Register Maps (continued)
Table 3. Control Register Map (continued)
HEX
ADDRESS
REGISTER NAME
BIT(s)
READ/
WRITE
DEFAULT VALUE
AFTER RESET
BIT MNEMONIC AND DESCRIPTION
2B
D6 CURRENT CONTROL
[7:0]
R/W
10101111
CURRENT
D6 output current control register. Default current
is 17.5 mA (typical)
2C
D7 CURRENT CONTROL
[7:0]
R/W
10101111
CURRENT
D7 output current control register. Default current
is 17.5 mA (typical)
2D
D8 CURRENT CONTROL
[7:0]
R/W
10101111
CURRENT
D8 output current control register. Default current
is 17.5 mA (typical)
2E
D9 CURRENT CONTROL
[7:0]
R/W
10101111
CURRENT
D9 output current control register. Default current
is 17.5 mA (typical)
2F TO 35
RESERVED FOR FUTURE
USE
[7:0]
RESERVED FOR FUTURE USE
36
MISC
[7]
R/W
0xxxxxxx
VARIABLE_D_SEL
Variable D source selection
[6]
R/W
x1xxxxxx
EN_AUTO_INCR
Serial bus address auto increment enable
[5]
R/W
xx0xxxxx
POWERSAVE_EN
Powersave mode enable
[4:3]
R/W
xxx00xxx
CP_MODE
Charge pump gain selection
[2]
R/W
xxxxx0xx
PWM_PS_EN
PWM cycle powersave enable
[1]
R/W
xxxxxx0x
CLK_DET_EN
External clock detection
[0]
R/W
xxxxxxx0
INT_CLK_EN
Clock source selection
37
ENGINE1 PC
[6:0]
R/W
x0000000
PC
Program counter for engine 1
38
ENGINE2 PC
[6:0]
R/W
x0000000
PC
Program counter for engine 2
39
ENGINE3 PC
[6:0]
R/W
x0000000
PC
Program counter for engine 3
3A
STATUS/INTERRUPT
[7]
R
0xxxxxxx
LEDTEST_MEAS_DONE
Indicates when the LED test measurement is
done.
[6]
R
x1xxxxxx
MASK_BUSY
Mask bit for interrupts generated by START-
UP_BUSY or ENGINE_BUSY.
[5]
R
xx0xxxxx
START-UP_BUSY
This bit indicates that the start-up sequence is
running.
[4]
R
xxx0xxxx
ENGINE_BUSY
This bit indicates that a program execution engine
is clearing internal registers.
[3]
R
xxxx0xxx
EXT_CLK_USED
Indicates when external clock signal is in use.
[2]
R
xxxxx0xx
ENG1_INT
Interrupt bit for program execution engine 1
[1]
R
xxxxxx0x
ENG2_INT
Interrupt bit for program execution engine 2
[0]
R
xxxxxxx0
ENG3_INT
Interrupt bit for program execution engine 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com