Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS70J Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza BAS70J
Descripción Electrónicos  SMALL SIGNAL SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS70J Datasheet(HTML) 4 Page - STMicroelectronics

  BAS70J Datasheet HTML 1Page - STMicroelectronics BAS70J Datasheet HTML 2Page - STMicroelectronics BAS70J Datasheet HTML 3Page - STMicroelectronics BAS70J Datasheet HTML 4Page - STMicroelectronics BAS70J Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BAS70J / BAS70W / BAS70-04W / BAS70-05W / BAS70-06W
4/5
PACKAGE MECHANICAL DATA
SOT-323
E
c
L
H
b
D
A
A1
e
θ
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.8
1.1
0.031
0.043
A1
0.0
0.1
0.0
0.004
b
0.25
0.4
0.010
0.016
c
0.1
0.26 0.004
0.010
D
1.8
2.0
2.2
0.071 0.079 0.086
E
1.15
1.25
1.35 0.045 0.049 0.053
e
0.65
0.026
H
1.8
2.1
2.4
0.071 0.083 0.094
L
0.1
0.2
0.3
0.004 0.008 0.012
θ
030
°
030
°



Html Pages

1 2 3 4 5