Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MP3261 Datasheet(PDF) 1 Page - Multicomp Pro

No. de pieza MP3261
Descripción Electrónicos  Slider Knobs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MULTICOMP [Multicomp Pro]
Página de inicio  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP3261 Datasheet(HTML) 1 Page - Multicomp Pro

  MP3261 Datasheet HTML 1Page - Multicomp Pro MP3261 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
18/12/19
Slider Knobs
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Part Number Table
Description
Part Number
Slider Knob, White, 6/8mm Shaft
MP3180
Slider Knob, Black, 4mm type A Shaft
MP3260
Slider Knob, Black, 4mm type B Shaft
MP3261
Dimensions: Length 23mm, Width 11mm and Height 11mm
Part Number Table
Description
Part Number
Slider Knob, Black, 6/8mm Shaft
MP3190
Slider Knob, Black, 4mm type B Shaft
MP3193
Slider Knob, Black, 4mm type A Shaft
MP3250
Dimensions: Length 20mm, Width 14mm and Height 13mm
Dimensions: Length 26mm, Width 12mm and Height 10mm.
Soft-touch finish.
Part Number Table
Description
Part Number
Slider Knob Black with Moulded White Marker Line, 4mm Shaft
MP72621
Description
• Various designs are available with size option of 4mm. 6/8mm shaft fitting.
• All knobs have matt non reflective finish.
• Electrically conductive models available.
• An electrically conductive version is available.


Número de pieza similar - MP3261

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
MP32001ABS VISHAY-MP32001ABS Datasheet
271Kb / 3P
Surface Mount Network
14-Sep-07
MP32001AT1 VISHAY-MP32001AT1 Datasheet
271Kb / 3P
Surface Mount Network
14-Sep-07
MP32001AWS VISHAY-MP32001AWS Datasheet
271Kb / 3P
Surface Mount Network
14-Sep-07
MP32001BBS VISHAY-MP32001BBS Datasheet
271Kb / 3P
Surface Mount Network
14-Sep-07
MP32001BT1 VISHAY-MP32001BT1 Datasheet
271Kb / 3P
Surface Mount Network
14-Sep-07
More results

Descripción similar - MP3261

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
45KN021-GRX ETC2-45KN021-GRX Datasheet
88Kb / 1P
Knobs
45KN013-GRX ETC1-45KN013-GRX Datasheet
79Kb / 1P
Knobs
45KN016-GRX ETC1-45KN016-GRX Datasheet
78Kb / 1P
Rotary Knobs
45KN021-GRX ETC1-45KN021-GRX_09 Datasheet
117Kb / 1P
Knobs
450-0125 ETC2-450-0125 Datasheet
131Kb / 1P
Knobs
450-6003 ETC2-450-6003 Datasheet
125Kb / 2P
Knobs
450-BA160 ETC2-450-BA160 Datasheet
79Kb / 1P
Knobs
450-KB100 ETC2-450-KB100 Datasheet
146Kb / 1P
Knobs
450-KLN510 ETC2-450-KLN510 Datasheet
72Kb / 1P
Knobs
450-MAS51 ETC2-450-MAS51 Datasheet
72Kb / 1P
Knobs
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com