Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2201 Datasheet(PDF) 2 Page - Adafruit Industries

No. de pieza 2201
Descripción Electrónicos  Sub-micro Servo - SG51R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADAFRUIT [Adafruit Industries]
Página de inicio  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2201 Datasheet(HTML) 2 Page - Adafruit Industries

  2201 Datasheet HTML 1Page - Adafruit Industries 2201 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This is just about the cutest, tiniest little micro servo we could find, even smaller
than the 9 gram micro servos we love so much.  It can rotate approximately 180
degrees (90 in each direction) and works just like the standard kind you're used to
but 
much smaller.  You can use any servo code, hardware or library to control these servos.
Good for beginners who want to make stuff move without building a motor controller with feedback
& gear box, especially since it will fit in small places. Of course, its not nearly as strong as a
standard servo. Works great with the Motor Shield for Arduino or by just wiring up with the Servo
library. Comes with a few horns and hardware.
To control with an Arduino, we suggest connecting the orange control wire to pin 9 or 10 and using
the Servo library (http://www.arduino.cc/en/Reference/Servo) included with the Arduino IDE (see
here for an example sketch (http://arduino.cc/en/Tutorial/Sweep)). Position "0" (1.5ms pulse) is
middle, "90" (~2ms pulse) is all the way to the right, "-90" (~1ms pulse) is all the way to the left.
Page 2 of 2
2/23/2015
http://www.adafruit.com/products/2201



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com