| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM3550SPX/NOPB Datasheet(PDF) 33 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM3550SPX/NOPB Datasheet(HTML) 33 Page - Texas Instruments |
|
33 / 43 page ![]() VIN (V) 0.50 0.45 0.40 0.35 0.30 0.25 0.20 2.7 3.3 3.8 4.4 4.9 5.5 TA = +85°C IOUT = 200 mA, 4.5V Fixed Voltage Mode TA = -30°C and +25°C VIN (V) 100 90 80 70 60 50 40 30 20 10 0 2.7 3.1 3.5 3.9 4.3 4.7 5.1 5.5 VLED = 3.0V VLED = 3.3V VLED = 3.6V ILED = 100 mA VIN (V) 0.50 0.45 0.40 0.35 0.30 0.25 0.20 2.7 3.3 3.8 4.4 4.9 5.5 TA = +85°C IOUT = 200 mA, 5.3V Fixed Voltage Mode TA = -30°C TA = +25°C VIN (V) 0.50 0.45 0.40 0.35 0.30 0.25 0.20 2.7 3.3 3.8 4.4 4.9 5.5 TA = +85°C IOUT = 200 mA, 5.0V Fixed Voltage Mode TA = -30°C TA = +25°C VIN (V) 100 90 80 70 60 50 40 3.0 3.5 4.0 4.5 5.0 5.5 TA = +85°C IOUT = 200 mA, 5.0V Fixed Voltage Mode TA = -30°C and +25°C VIN (V) 100 90 80 70 60 50 40 2.7 3.1 3.5 3.9 4.3 4.7 5.1 5.5 TA = +85°C IOUT = 200 mA, 4.5V Fixed Voltage Mode TA = -30°C and +25°C 33 LM3550 www.ti.com SNVS569C – MAY 2009 – REVISED OCTOBER 2016 Product Folder Links: LM3550 Submit Documentation Feedback Copyright © 2009–2016, Texas Instruments Incorporated 8.2.3 Application Curves 5-V Mode Figure 54. Converter Efficiency vs Input Voltage 4.5-V Mode Figure 55. Converter Efficiency vs Input Voltage 5.3-V Mode Figure 56. Input Current vs Input Voltage 5-V Mode Figure 57. Input Current vs Input Voltage 4.5-V Mode Figure 58. Input Current vs Input Voltage 100 mA Figure 59. LED Efficiency vs Input Voltage Torch Mode |