Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TOP225YN Datasheet(PDF) 1 Page - Power Integrations, Inc.

No. de pieza TOP225YN
Descripción Electrónicos  Three-Terminal Off-Line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWERINT [Power Integrations, Inc.]
Página de inicio  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP225YN Datasheet(HTML) 1 Page - Power Integrations, Inc.

  TOP225YN Datasheet HTML 1Page - Power Integrations, Inc. TOP225YN Datasheet HTML 2Page - Power Integrations, Inc. TOP225YN Datasheet HTML 3Page - Power Integrations, Inc. TOP225YN Datasheet HTML 4Page - Power Integrations, Inc. TOP225YN Datasheet HTML 5Page - Power Integrations, Inc. TOP225YN Datasheet HTML 6Page - Power Integrations, Inc. TOP225YN Datasheet HTML 7Page - Power Integrations, Inc. TOP225YN Datasheet HTML 8Page - Power Integrations, Inc. TOP225YN Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Figure 1. Typical Flyback Application.
reduces cost in lower power, high efficiency applications.
The internal lead frame of this package uses six of its pins to
transfer heat from the chip directly to the board, eliminating
the cost of a heat sink. TOPSwitch incorporates all functions
necessary for a switched mode control system into a three
terminal monolithic IC: power MOSFET, PWM controller, high
voltage start up circuit, loop compensation and fault protec-
tion circuitry.
Product Highlights
• Lowest cost, lowest component count switcher solution
• Cost competitive with linears above 5 W
• Very low AC/DC losses – up to 90% efficiency
• Built-in Auto-restart and Current limiting
• Latching Thermal shutdown for system level protection
• Implements Flyback, Forward, Boost or Buck topology
• Works with primary or opto feedback
• Stable in discontinuous or continuous conduction mode
• Source connected tab for low EMI
• Circuit simplicity and Design Tools reduce time to market
Description
The second generation TOPSwitch™-II family is more cost
effective and provides several enhancements over the first
generation TOPSwitch family. The TOPSwitch-II family
extends the power range from 100W to 150W for 100/115/
230 VAC input and from 50W to 90W for 85-265 VAC univer-
sal input. This brings TOPSwitch technology advantages
to many new applications, i.e. TV, Monitor, Audio amplifiers,
etc. Many significant circuit enhancements that reduce the
sensitivity to board layout and line transients now make the
design even easier. The standard 8L PDIP package option
PI-1951-091996
AC
IN
TOPSwitch
D
S
C
CONTROL
6 W
10 W
15 W
20 W
TOP221YN
TOP222YN
TOP223YN
TOP224YN
TOP225YN
TOP226YN
TOP227YN
9 W
15 W
25 W
30 W
TOP221PN or TOP221GN
TOP222PN or TOP222GN
TOP223PN or TOP223GN
TOP224PN or TOP224GN
Output Power Table
TO-220 (Y) Package1
8L PDIP (P) or 8L SMD (G) Package2
P
MAX
5,6
PART
ORDER
NUMBER
Single Voltage Input
100/115/230 VAC ±15%
3
Wide Range Input
85 to 265 VAC
Single Voltage Input
100/115/230 VAC ±15%
3
Wide Range Input
85 to 265 VAC
P
MAX
5,6
7 W
15 W
30 W
45 W
60 W
75 W
90 W
P
MAX
4,6
12 W
25 W
50 W
75 W
100 W
125 W
150 W
P
MAX
4,6
Notes: 1. Package outline: TO-220/3 2. Package Outline: DIP-8 or SMD-8 3. 100/115 VAC with doubler input 4. Assumes appro-
priate heat sinking to keep the maximum TOPSwitch junction temperature below 100
°C. 5. Soldered to 1 sq. in. (6.45 cm2), 2 oz.
copper clad (610 gm/m2) 6. P
MAX is the maximum practical continuous power output level for conditions shown. The continuous
power capability in a given application depends on thermal environment, transformer design, efficiency required, minimum spec-
ified input voltage, input storage capacitance, etc. 7. Refer to key application considerations section when using TOPSwitch-II in
an existing TOPSwitch design.
PART
ORDER
NUMBER
TOP221-227
TOPSwitch-II Family
www.power.com
August 2016
Three-Terminal Off-Line PWM Switch
This Product is Covered by Patents and/or Pending Patent Applications.
This product is not recommended for new designs.


Número de pieza similar - TOP225YN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Integrations, Inc...
TOP225YN POWERINT-TOP225YN Datasheet
483Kb / 21P
Three-terminal Off-line PWM Switch
TOP225YN POWERINT-TOP225YN Datasheet
1Mb / 20P
Three-Terminal Off-Line PWM Switch
TOP225YN POWERINT-TOP225YN Datasheet
1Mb / 20P
Three-Terminal Off-Line PWM Switch
August 2016
TOP225YNTL POWERINT-TOP225YNTL Datasheet
1Mb / 20P
Three-Terminal Off-Line PWM Switch
More results

Descripción similar - TOP225YN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Integrations, Inc...
TOP100-4 POWERINT-TOP100-4 Datasheet
166Kb / 20P
Three-terminal Off-line PWM Switch
TOP200-4 POWERINT-TOP200-4 Datasheet
160Kb / 16P
Three-terminal Off-line PWM Switch
TOP221P POWERINT-TOP221P Datasheet
176Kb / 20P
Three-terminal Off-line PWM Switch
TOP224YN POWERINT-TOP224YN Datasheet
480Kb / 20P
Three-terminal Off-line PWM Switch
TOP221GN POWERINT-TOP221GN Datasheet
483Kb / 21P
Three-terminal Off-line PWM Switch
TOP224GN POWERINT-TOP224GN Datasheet
483Kb / 21P
Three-terminal Off-line PWM Switch
TOP101YN POWERINT-TOP101YN Datasheet
1Mb / 18P
Three-terminal Off-line PWM Switch
TOP221GN-TL POWERINT-TOP221GN-TL Datasheet
480Kb / 20P
Three-terminal Off-line PWM Switch
TOP221 POWERINT-TOP221 Datasheet
1Mb / 20P
Three-Terminal Off-Line PWM Switch
TOP200 POWERINT-TOP200_V01 Datasheet
128Kb / 16P
Three-terminal Off-line PWM Switch
July 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com