| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PXPPVC08RAM03ACL020PVC Datasheet(PDF) 2 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PXPPVC08RAM03ACL020PVC Datasheet(HTML) 2 Page - Bulgin Limited. All rights reserved. |
|
2 / 9 page ![]() Part Number Poles Code Termination Lead Length PXMBNI08RPM03APC 03 A PCB Terminal - PXMBNI08RPM04APC 04 A PCB Terminal - PXMBNI08RPM05BPC 05 B PCB Terminal - PXMBNI08RPM03AFL001 03 A Flying Lead 100 mm Lead Length PXMBNI08RPM03AFL002 03 A Flying Lead 200 mm Lead Length PXMBNI08RPM03AFL003 03 A Flying Lead 300 mm Lead Length PXMBNI08RPM04AFL001 04 A Flying Lead 100 mm Lead Length PXMBNI08RPM04AFL002 04 A Flying Lead 200 mm Lead Length PXMBNI08RPM04AFL003 04 A Flying Lead 300 mm Lead Length PXMBNI08RPM05BFL001 05 B Flying Lead 100 mm Lead Length PXMBNI08RPM05BFL002 05 B Flying Lead 200 mm Lead Length PXMBNI08RPM05BFL003 05 B Flying Lead 300 mm Lead Length Part Number Poles Code Termination Lead Length PXMBNI08RPF03APC 03 A PCB Terminal - PXMBNI08RPF04APC 04 A PCB Terminal - PXMBNI08RPF05BPC 05 B PCB Terminal - PXMBNI08RPF03AFL001 03 A Flying Lead 100 mm Lead Length PXMBNI08RPF03AFL002 03 A Flying Lead 200 mm Lead Length PXMBNI08RPF03AFL003 03 A Flying Lead 300 mm Lead Length PXMBNI08RPF04AFL001 04 A Flying Lead 100 mm Lead Length PXMBNI08RPF04AFL002 04 A Flying Lead 200 mm Lead Length PXMBNI08RPF04AFL003 04 A Flying Lead 300 mm Lead Length PXMBNI08RPF05BFL001 05 B Flying Lead 100 mm Lead Length PXMBNI08RPF05BFL002 05 B Flying Lead 200 mm Lead Length PXMBNI08RPF05BFL003 05 B Flying Lead 300 mm Lead Length BUCCANEER M8 Series M8 Rear Panel Mounting Male ○ Available in 3, 4 and 5 poles ○ PCB or flying lead termination ○ Rear panel mounting M8 PXMBNI08RPM ○ Mates with Flex Body connectors M8 Rear Panel Mounting Female ○ Available in 3, 4 and 5 poles ○ PCB or flying lead termination ○ Rear panel mounting M11 nut PXMBNI08RPF ○ Mates with Flex Inline Body connectors M8 Buccaneer 1 |