| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LF347 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LF347 Datasheet(HTML) 4 Page - Texas Instruments |
|
4 / 22 page ![]() 4 LF347, LF347B SLOS013C – MARCH 1987 – REVISED MARCH 2016 www.ti.com Product Folder Links: LF347 LF347B Submit Documentation Feedback Copyright © 1987–2016, Texas Instruments Incorporated (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) Unless otherwise specified, the absolute maximum negative input voltage is equal to the negative power supply voltage. 6 Specifications 6.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT VCC+ Supply voltage 18 V VCC– Supply voltage –18 V VID Differential input voltage –30 30 V VI Input voltage(2) –15 15 V Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C TJ Operating virtual junction temperature 150 °C Tstg Storage temperature –65 150 °C (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 6.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±2000 V Charged-device model (CDM), per JEDEC specification JESD22-C101(2) ±1000 6.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT TA free-air temperature 0 70 °C VCC+ Supply voltage 3.5 18 V VCC– Supply voltage –3.5 –18 V VCM Common-mode voltage VCC– + 4 VCC+ – 4 V TA Operating temperature 0 70 °C (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report, SPRA953. 6.4 Thermal Information THERMAL METRIC(1) LF347, LF347B UNIT D (SOIC) N (PDIP) 14 PINS 14 PINS RθJA Junction-to-ambient thermal resistance 74.4 42.7 °C/W RθJC(top) Junction-to-case (top) thermal resistance 32.5 29.2 °C/W RθJB Junction-to-board thermal resistance 28.9 22.6 °C/W ψJT Junction-to-top characterization parameter 3.7 13.5 °C/W ψJB Junction-to-board characterization parameter 28.6 22.5 °C/W |