| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISO7340CDWR Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO7340CDWR Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 38 page ![]() 7 ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC www.ti.com SLLSEI6G – SEPTEMBER 2014 – REVISED JANUARY 2017 Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC Submit Documentation Feedback Copyright © 2014–2017, Texas Instruments Incorporated (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values except differential I/O bus voltages are with respect to the local ground terminal (GND1 or GND2) and are peak voltage values. (3) Maximum voltage must not exceed 6 V. 7 Specifications 7.1 Absolute Maximum Ratings See (1) MIN MAX UNIT VCC Supply voltage(2) VCC1, VCC2 –0.5 6 V Voltage INx, OUTx, ENx –0.5 VCC + 0.5 (3) V IO Output current ±15 mA TJ Maximum junction temperature 150 °C Tstg Storage temperature –65 150 °C (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 7.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±4000 V Charged device model (CDM), per JEDEC specification JESD22- C101(2) ±1500 V (1) To maintain the recommended operating conditions for TJ, see the Thermal Information table. 7.3 Recommended Operating Conditions MIN NOM MAX UNIT VCC1, VCC2 Supply voltage 3 5.5 V IOH High-level output current –4 mA IOL Low-level output current 4 mA VIH High-level input voltage 2 5.5 V VIL Low-level input voltage 0 0.8 V tui Input pulse duration 40 ns 1 / tui Signaling rate 0 25 Mbps TJ Junction temperature(1) 136 °C TA Ambient temperature –40 25 125 °C |