| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DP83849CVS/NOPB.A Datasheet(PDF) 90 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DP83849CVS/NOPB.A Datasheet(HTML) 90 Page - Texas Instruments |
|
90 / 100 page ![]() 89 www.national.com 8.2.19 10 Mb/s Heartbeat Timing 8.2.20 10 Mb/s Jabber Timing Parameter Description Notes Min Typ Max Units T2.19.1 CD Heartbeat Delay 10 Mb/s half-duplex mode 1200 ns T2.19.2 CD Heartbeat Duration 10 Mb/s half-duplex mode 1000 ns Parameter Description Notes Min Typ Max Units T2.20.1 Jabber Activation Time 85 ms T2.20.2 Jabber Deactivation Time 500 ms TX_CLK TX_EN COL T2.19.1 T2.19.2 TXE PMD Output Pair COL T2.20.2 T2.20.1 |