| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STA335BW Datasheet(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA335BW Datasheet(HTML) 36 Page - STMicroelectronics |
|
36 / 54 page ![]() Register description STA335BW 36/54 5.9 Channel configuration registers (addresses 0x0E to 0x10) 5.9.1 Tone control bypass Tone control (bass/treble) can be bypassed on a per channel basis for channels 1 and 2. CxTCB: 0 - Perform Tone Control on Channel X - normal operation 1 - Bypass Tone Control on Channel X 5.9.2 EQ bypass EQ control can be bypassed on a per channel basis for channels 1 and 2. If EQ control is bypassed on a given channel the prescale and all filters (high-pass, biquads, de-emphasis, bass, treble in any combination) are bypassed for that channel. CxEQBP: 0 - Perform EQ on Channel X - normal operation 1 - Bypass EQ on Channel X 1010 260 Hz 1011 280 Hz 1100 300 Hz 1101 320 Hz 1110 340 Hz 1111 360 Hz Table 19. Bass management crossover frequency (continued) XO(3..0) Crossover frequency D7 D6 D5 D4 D3 D2 D1 D0 C1OM1 C1OM0 C1LS1 C1LS0 C1BO C1VPB C1EQBP C1TCB 00 0 0 0 0 0 0 D7 D6 D5 D4 D3 D2 D1 D0 C2OM1 C2OM0 C2LS1 C2LS0 C2BO C2VPB C2EQBP C2TCB 01 0 0 0 0 0 0 D7 D6 D5 D4 D3 D2 D1 D0 C3OM1 C3OM0 C3LS1 C3LS0 C3BO C3VPB 10 0 0 0 0 |