| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BQ78350DBTR-R1.A Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
BQ78350DBTR-R1.A Datasheet(HTML) 16 Page - Texas Instruments |
|
16 / 31 page ![]() 16 bq78350-R1 SLUSCD0B – AUGUST 2015 – REVISED NOVEMBER 2018 www.ti.com Product Folder Links: bq78350-R1 Submit Documentation Feedback Copyright © 2015–2018, Texas Instruments Incorporated Typical Applications (continued) 9.2.2 Design Requirements Table 1 lists the device's default settings and feature configurations when shipped from Texas Instruments. Table 1. TI Default Settings Design Parameter Value or State Cell Configuration 5s2p (5-series with 1 Parallel) Design Capacity 4400 mAh Device Chemistry Chem ID 1210 (LiCoO2/graphitized carbon) Cell Over Voltage (per cell) 4250 mV Cell Under Voltage (per cell) 2500 mV Overcurrent in CHARGE Mode 6000 mA Overcurrent in DISCHARGE Mode –6000 mA Over Load Current 0.017 V/Rsense across SRP, SRN Short Circuit in DISCHARGE Mode 0.44 V/Rsense across SRP, SRN Over Temperature in CHARGE Mode 55°C Over Temperature in DISCHARGE Mode 55°C SAFE Pin Activation Enabled No Safety Overvoltage (per cell) 4400 mV Safety Undervoltage (per cell) 2500 mV Shutdown Voltage 2300 mV Cell Balancing Enabled Yes Internal or External Temperature Sensor External Enabled SMB BROADCAST Mode Disabled Display Mode (# of bars and LED or LCD) 5-bar LED Dynamic SMB Address Enabled No (SMB Address = 0x16) KEYIN Feature Enabled No PRES Feature Enabled No 9.2.3 Detailed Design Procedure By default, the bq78350-R1 device is initially set up to keep the CHG, DSG, and PCHG FETs OFF and many other features disabled until the appropriate ManufacturingStatus() bit that enables ManufacturerAccess() commands are received, or when the default Manufacturing Status is changed. In the first steps to evaluating the bq78350-R1 device and bq769x0 AFE, use the ManufacturerAccess() commands to ensure correct operation of features, and if they are needed in the application. Then enable features' reading for more in-depth application evaluation. Prior to using the bq78350-R1 device, the default settings should be evaluated as the device has many configuration settings and options. These can be separated into five main areas: • Measurement System • Gas Gauging • Charging • Protection • Peripheral Features The key areas of focus are covered in the following sections. |