| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
910 Datasheet(PDF) 1 Page - Keystone Electronics Corp. |
|
|
|||||||||||||||||||||||||||||
910 Datasheet(HTML) 1 Page - Keystone Electronics Corp. |
|
|
1 / 1 page ![]() CAT. NO. H STUD SIZE 7325 .120 (3.1) #4 7326 .140 (3.6) #6 7327 .171 (4.4) #8 7340 .196 (5.0) #10 CAT. NO. H STUD SIZE 7331 .120 (3.1) #4 7332 .140 (3.6) #6 7333 .171 (4.4) #8 CAT. NO. H STUD SIZE 7328 .120 (3.1) #4 7329 .140 (3.6) #6 7330 .171 (4.4) #8 CAT. NO. H STUD SIZE 7314 .120 (3.1) #4 7315 .140 (3.6) #6 7316 .171 (4.4) #8 CAT. NO. H STUD SIZE 7317 .120 (3.1) #4 7318 .140 (3.6) #6 7319 .171 (4.4) #8 4704 .196 (5.0) #10 CAT. NO. H STUD SIZE 7311 .120 (3.1) #4 7312 .140 (3.6) #6 7313 .171 (4.4) #8 CAT. NO. H STUD SIZE 909 .120 (3.1) #4 916 .140 (3.6) #6 917 .171 (4.4) #8 MATERIAL: .018 (.46) Brass, Tin Plate CAT. NO. H STUD SIZE 903 .120 (3.1) #4 904 .140 (3.6) #6 905 .171 (4.4) #8 913 .196 (5.0) #10 CAT. NO. H STUD SIZE 910 .120 (3.1) #4 918 .140 (3.6) #6 906 .171 (4.4) #8 LOCKWASHER TERMINAL LUGS 58 MATERIAL: .020 (.51) Brass, Tin Plate SOLDER TERMINAL LUGS H .281 [7.2] .531 [13.5] .080 [2.03] RADIUS .312 [7.9] .076 [1.93] DIA. PC TERMINAL LUGS MATERIAL: .016 (.40) Brass, Tin Plate .250 [6.4] .312 [7.9] .515 [13.1] .080 [2.03] RADIUS .093 [2.36] DIA. .136 [3.0] H .437 [11.1] .687 [17.5] .265 [6.8] .140 [3.6] .078 [1.98] DIA. H .625 [15.9] .875 [22.3] .312 [7.9] .171 [4.4] .093 [2.36] DIA. .296 [7.5] .464 [11.8] .180 [4.6] .093 [2.35] I. DIA. .078 [1.98] RADIUS .078 [1.98] DIA. H .312 [7.9] .234 [6.0] .250 [6.4] .640 [16.3] .093 [2.36] RADIUS .093 [2.36] DIA. (2) PLS H .218 [5.6] .729 [18.6] .312 [7.9] .158 [4.1] .156 [4.0] .093 [2.36] DIA. H .265 [6.8] .312 [7.9] .812 [20.6] .234 [6.0] .093 [2.36] DIA. .086 [2.17] RADIUS H .312 [7.9] .343 [8.7] .718 [18.3] .093 [2.36] DIA. (2) PLS .093 [2.36] RADIUS .125 [3.2] H .312 [7.9] .500 [12.7] .734 [18.7] .156 [4.0] .093 [2.36] DIA. H .312 [7.9] .625 [15.9] .875 [22.2] .171 [4.4] .093 [2.36] DIA. MATERIAL: .015 (.38) Brass, Tin Plate MATERIAL: .016 (.41) Brass, Tin Plate MATERIAL: .020 (.51) Brass, Tin Plate MATERIAL: .020 (.51) Brass, Tin Plate MATERIAL: .018 (.46) Brass, Tin Plate MATERIAL:.018 (.46) Brass, Tin Plate CAT. NO. 680 CAT. NO. 4004 MATERIAL: .018 (.46) Brass, Tin Plate MATERIAL: .013 (.33) Brass, Tin Plate MATERIAL: .018 (.46) Brass, Tin Plate MATERIAL: .018 (.46) Brass, Tin Plate MATERIAL: .018 (.46) Brass, Tin Plate CAT. NO. 907 H .312 [7.9] .375 [9.5] .625 [15.9] .093 [2.36] RADIUS .093 [2.36] DIA. .062 [1.57] .156 [4.0] .312 [7.9] .390 [9.9] .562 [14.3] .130 [3.3] DIA. L .075 [1.91] .312 [7.9] .130 [3.3] DIA. CAT. NO. L 4000 .500 (12.7) 4001 .562 (14.3) 4002 .750 (19.1) 4003 1.000 (25.4) CAT. NO. H STUD SIZE 908 .120 (3.1) #4 914 .140 (3.6) #6 915 .171 (4.4) #8 Tel (718) 956-8900 • Fax (718) 956-9040 (800) 221-5510 • kec@keyelco.com www.keyelco.com 31-07 20th Road – Astoria, NY 11105-2017 RoHS COMPLIANT ~ ISO 9001 CERTIFIED ® M60Section3FREV1A1_11-2011 4/1/13 3:09PM Page58 |
Número de pieza similar - 910 |
|
Descripción similar - 910 |