Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC2855A/B Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza UC2855A/B
Descripción Electrónicos  High Performance Power Factor Preregulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

UC2855A/B Datasheet(HTML) 4 Page - Texas Instruments

  UC2855A/B Datasheet HTML 1Page - Texas Instruments UC2855A/B Datasheet HTML 2Page - Texas Instruments UC2855A/B Datasheet HTML 3Page - Texas Instruments UC2855A/B Datasheet HTML 4Page - Texas Instruments UC2855A/B Datasheet HTML 5Page - Texas Instruments UC2855A/B Datasheet HTML 6Page - Texas Instruments UC2855A/B Datasheet HTML 7Page - Texas Instruments UC2855A/B Datasheet HTML 8Page - Texas Instruments UC2855A/B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
UC2855A/B
UC3855A/B
ELECTRICAL CHARACTERISTICS:Unless otherwise specified: VCC = 18V, RVS = 23k, CT = 470pF, CI = 150pF, VRMS
= 1.5V, IAC = 100
µA, ISENSE = 0V, CAO = 4V, VAOUT= 3.5V, VSENSE = 3V. –40°C to 85°C (UC2855A/B), 0°Cto70°C
(UC3855A/B).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Gate Driver Output
Output High Voltage
lOUT = −200mA, VCC = 15V
12
12.8
V
Output Low Voltage
lOUT = 200mA
1
2.2
V
Output Low Voltage
lOUT = 10mA
300
500
mV
Output Low (UVLO)
lOUT = 50mA, VCC = 0V
0.9
1.5
V
Output RISE/FALL Time
CLOAD = 1nF
35
ns
Output Peak Current
CLOAD = 10nF
0.5
1.5
A
ZVT
ZVS Threshold
2.3
2.6
2.9
V
Input Bias Current
V = 2.5V, VCT =0
6
20
µA
Propagation Delay
Measured at ZVTOUT
100
ns
Maximum Pulse Width
400
ns
Output High Voltage
lOUT = −100mA, VCC = 15V
12
12.8
V
Output Low Voltage
lOUT = 100mA
1
2.2
V
lOUT = 10mA
300
900
mV
Output Low (UVLO)
lOUT = 50mA, VCC = 0V
0.9
1.5
V
Output RISE/FALL Time
CLOAD = 1nF
35
ns
Output Peak Current
CLOAD = 10nF
0.25
0.75
A
Current Synthesizer
ION to CS Offset
VION = 0V
30
50
mV
Cl Discharge Current
IAC = 50
µA
105
118
140
µA
IAC = 500
µA5
µA
IAC Offset Voltage
0.3
0.65
1.1
V
ION Buffer Slew Rate
10
V/
µs
ION Input Bias Current
VION =2V
2
15
µA
RVS Output Voltage
23k from RVS to GND
2.87
3
3.13
V
Note 1: Gain constant (K) =
IAC VA
V
VIMO
OUT
RMS
•
•
(– . )
()
15
2
at VRMS = 1.5V, VAOUT = 5.5V.
PIN DESCRIPTIONS
CA
This is the inverting input to the current amplifier.
Connect the required compensation components be-
tween this pin and CAOUT. The common mode operating
range for this input is between
−0.3V and 5V.
CAO: This is the output of the wide bandwidth current
amplifier and one of the inputs to the PWM duty cycle
comparator. The output signal generated by this amplifier
commands the PWM to force the correct input current.
The output can swing from 0.1V to 7.5V.
CI: The level shifted current sense signal is impressed
upon a capacitor connected between this pin and GND.
The buffered current sense transformer signal charges
the capacitor when the boost switch is on. When the
switch is off, the current synthesizer discharges the ca-
pacitor at a rate proportional to the dI/dt of the boost in-
ductor current. In this way, the discharge current is
approximately equal to
3
4
V
RRVS
IAC
–
.
Discharging the CI capacitor in this fashion, a “recon-
structed” version of the inductor current is generated us-
ing only one current sense transformer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com