| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TMP100NA/3K Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP100NA/3K Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 31 page ![]() 180 160 140 120 100 80 60 40 20 0 SCL Frequency (Hz) 10k 100k 1M 10M 125°C FAST MODE Hs MODE −55°C −55°C 125°C 25°C 25 °C 400 350 300 250 Temperature (°C) −60 −40 −20 0 20 40 60 80 100 120 140 V+ = 5 V V+ = 2.7 V NOTE: 12−bit resolution. 2.0 1.5 1.0 0.5 0.0 −0.5 −1.0 −1.5 −2.0 Temperature (°C) −60 −40 −20 0 20 40 60 80 100 120 140 3 Typical Units NOTE: 12−bit resolution. 70 60 50 40 30 Temperature (°C) −60 −40 −20 0 20 40 60 80 100 120 140 Serial Bus Inactive V+ = 5 V V+ = 27 V 1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 −0.1 Temperature ( C) ° −60 −40 −20 0 20 40 60 80 100 120 140 TMP100, TMP101 www.ti.com SBOS231I – JANUARY 2002 – REVISED NOVEMBER 2015 6.7 Typical Characteristics At TA = 25°C and V+ = 5 V, unless otherwise noted. Figure 1. Quiescent Current vs Temperature Figure 2. Shutdown Current vs Temperature Figure 3. Conversion Time vs Temperature Figure 4. Temperature Accuracy vs Temperature Figure 5. Quiescent Current With Bus Activity vs Temperature Copyright © 2002–2015, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: TMP100 TMP101 |