| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLV2731CDBVR Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV2731CDBVR Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 29 page ![]() TLV2731, TLV2731Y Advanced LinCMOS RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS SLOS198A – AUGUST 1997 – REVISED MARCH 2001 21 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 39 INVERTING SMALL-SIGNAL PULSE RESPONSE† t – Time – µs 0 1.56 1.54 1.52 1.5 1.48 1.46 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 VDD = 3 V RL = 600 Ω CL = 100 pF AV = – 1 TA = 25°C Figure 40 INVERTING SMALL-SIGNAL PULSE RESPONSE† t – Time – µs 2.5 2.48 2.46 0 2.52 2.54 2.56 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 VDD = 5 V RL = 600 Ω CL = 100 pF AV = – 1 TA = 25°C Figure 41 VOLTAGE-FOLLOWER SMALL-SIGNAL PULSE RESPONSE† t – Time – µs 0 1.56 1.54 1.52 1.5 1.48 1.48 1.48 0.25 0.5 0.75 1 1.25 1.5 1.75 2 2.25 2.50 VDD = 3 V RL = 600 Ω CL = 100 pF AV = 1 TA = 25°C Figure 42 VOLTAGE-FOLLOWER SMALL-SIGNAL PULSE RESPONSE† t – Time – µs 0 2.56 2.54 2.52 2.5 2.48 2.46 0.25 0.5 0.75 1 1.25 1.5 1.75 2 2.25 2.5 VDD = 5 V RL = 600 Ω CL = 100 pF AV = 1 TA = 25°C † For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V. |