| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC25L2BCP Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC25L2BCP Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 27 page ![]() TLC252, TLC252A, TLC252B, TLC252Y, TLC25L2, TLC25L2A, TLC25L2B TLC25L2Y, TLC25M2, TLC25M2A, TLC25M2B, TLC25M2Y LinCMOS DUAL OPERATIONAL AMPLIFIERS SLOS002I – JUNE 1983 – REVISED MARCH 2001 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description (continued) Because of the extremely high input impedance and low input bias and offset currents, applications for the TLC252 / 25_2 series include many areas that have previously been limited to BIFET and NFET product types. Any circuit using high-impedance elements and requiring small offset errors is a good candidate for cost-effective use of these devices. Many features associated with bipolar technology are available with LinCMOS operational amplifiers without the power penalties of traditional bipolar devices. General applications such as transducer interfacing, analog calculations, amplifier blocks, active filters, and signal buffering are all easily designed with the TLC252 / 25_2 series devices. Remote and inaccessible equipment applications are possible using their low-voltage and low-power capabilities. The TLC252 / 25_2 series is well suited to solve the difficult problems associated with single-battery and solar-cell-powered applications. This series includes devices that are characterized for the commercial temperature range and are available in 8-pin plastic dip and the small-outline package. The device is also available in chip form. The TLC252 / 25_2 series is characterized for operation from 0 °C to 70°C. equivalent schematic (each amplifier) ESD- Protective Network ESD- Protective Network VDD IN + IN – VDD – /GND OUT 8 3, 5 2, 6 4 1, 7 |