Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VHC573 Datasheet(PDF) 11 Page - STMicroelectronics

No. de pieza 74VHC573
Descripción Electrónicos  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC573 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button 74VHC573 Datasheet HTML 6Page - STMicroelectronics 74VHC573 Datasheet HTML 7Page - STMicroelectronics 74VHC573 Datasheet HTML 8Page - STMicroelectronics 74VHC573 Datasheet HTML 9Page - STMicroelectronics 74VHC573 Datasheet HTML 10Page - STMicroelectronics 74VHC573 Datasheet HTML 11Page - STMicroelectronics 74VHC573 Datasheet HTML 12Page - STMicroelectronics 74VHC573 Datasheet HTML 13Page - STMicroelectronics 74VHC573 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
74VHC573
11/14
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
30.4
1.197
Ao
10.8
11
0.425
0.433
Bo
13.2
13.4
0.520
0.528
Ko
3.1
3.3
0.122
0.130
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & Reel SO-20 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14