Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F427IIH6 Datasheet(PDF) 63 Page - STMicroelectronics

No. de pieza STM32F427IIH6
Descripción Electrónicos  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427IIH6 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32F427IIH6 Datasheet HTML 59Page - STMicroelectronics STM32F427IIH6 Datasheet HTML 60Page - STMicroelectronics STM32F427IIH6 Datasheet HTML 61Page - STMicroelectronics STM32F427IIH6 Datasheet HTML 62Page - STMicroelectronics STM32F427IIH6 Datasheet HTML 63Page - STMicroelectronics STM32F427IIH6 Datasheet HTML 64Page - STMicroelectronics STM32F427IIH6 Datasheet HTML 65Page - STMicroelectronics STM32F427IIH6 Datasheet HTML 66Page - STMicroelectronics STM32F427IIH6 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 231 page
background image
DocID024030 Rev 6
63/231
STM32F427xx STM32F429xx
Pinouts and pin description
83
68
101
E8
E15 120 E2 143 E15
PA9
I/O FT
TIM1_CH2,
I2C3_SMBA,
USART1_TX,
DCMI_D0, EVENTOUT
OTG_FS_
VBUS
69
102
E9
D15 121 D5 144 D15
PA10
I/O FT
TIM1_CH3,
USART1_RX,
OTG_FS_ID,
DCMI_D1, EVENTOUT
70
103 E10 C15 122 D4 145 C15
PA11
I/O FT
TIM1_CH4,
USART1_CTS,
CAN1_RX, LCD_R4,
OTG_FS_DM,
EVENTOUT
71
104 E11
B15 123 E1 146 B15
PA12
I/O FT
TIM1_ETR,
USART1_RTS,
CAN1_TX, LCD_R5,
OTG_FS_DP,
EVENTOUT
72
105 E12 A15 124 D3 147 A15
PA13
(JTMS-
SWDIO)
I/O FT
JTMS-SWDIO,
EVENTOUT
73
106 D12 F13 125 D1 148 E11
VCAP_2
S
74
107 J10
F12 126 D2 149 F10
VSS
S
75
108
H4
G13 127 C1 150 F11
VDD
S
-
-
D13 E12 128
-
151 E12
PH13
I/O FT
TIM8_CH1N,
CAN1_TX, FMC_D21,
LCD_G2, EVENTOUT
-
-
C13 E13 129
-
152 E13
PH14
I/O FT
TIM8_CH2N,
FMC_D22, DCMI_D4,
LCD_G3, EVENTOUT
-
-
C12 D13 130
-
153 D13
PH15
I/O FT
TIM8_CH3N,
FMC_D23, DCMI_D11,
LCD_G4, EVENTOUT
-
-
B13 E14 131
-
154 E14
PI0
I/O FT
TIM5_CH4,
SPI2_NSS/I2S2_WS(7),
FMC_D24, DCMI_D13,
LCD_G5, EVENTOUT
Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions