Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F427IIH6TR Datasheet(PDF) 85 Page - STMicroelectronics

No. de pieza STM32F427IIH6TR
Descripción Electrónicos  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427IIH6TR Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM32F427IIH6TR Datasheet HTML 81Page - STMicroelectronics STM32F427IIH6TR Datasheet HTML 82Page - STMicroelectronics STM32F427IIH6TR Datasheet HTML 83Page - STMicroelectronics STM32F427IIH6TR Datasheet HTML 84Page - STMicroelectronics STM32F427IIH6TR Datasheet HTML 85Page - STMicroelectronics STM32F427IIH6TR Datasheet HTML 86Page - STMicroelectronics STM32F427IIH6TR Datasheet HTML 87Page - STMicroelectronics STM32F427IIH6TR Datasheet HTML 88Page - STMicroelectronics STM32F427IIH6TR Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 231 page
background image
DocID024030 Rev 6
85/231
STM32F427xx STM32F429xx
Memory mapping
88
Table 13. STM32F427xx and STM32F429xx register boundary addresses
Bus
Boundary address
Peripheral
0xE00F FFFF - 0xFFFF FFFF
Reserved
Cortex-M4
0xE000 0000 - 0xE00F FFFF
Cortex-M4 internal peripherals
AHB3
0xD000 0000 - 0xDFFF FFFF
FMC bank 6
0xC000 0000 - 0xCFFF FFFF
FMC bank 5
0xA000 1000 - 0xBFFF FFFF
Reserved
0xA000 0000- 0xA000 0FFF
FMC control register
0x9000 0000 - 0x9FFF FFFF
FMC bank 4
0x8000 0000 - 0x8FFF FFFF
FMC bank 3
0x7000 0000 - 0x7FFF FFFF
FMC bank 2
0x6000 0000 - 0x6FFF FFFF
FMC bank 1
0x5006 0C00- 0x5FFF FFFF
Reserved
AHB2
0x5006 0800 - 0X5006 0BFF
RNG
0x5005 0400 - X5006 07FF
Reserved
0x5005 0000 - 0X5005 03FF
DCMI
0x5004 0000- 0x5004 FFFF
Reserved
0x5000 0000 - 0X5003 FFFF
USB OTG FS