Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD16FD102GP3F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

No. de pieza CD16FD102GP3F
Descripción Electrónicos  Type CD16 & CDV16 Snubber and RF Application, Mica Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CDE [Cornell Dubilier Electronics]
Página de inicio  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CD16FD102GP3F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  CD16FD102GP3F Datasheet HTML 1Page - Cornell Dubilier Electronics CD16FD102GP3F Datasheet HTML 2Page - Cornell Dubilier Electronics CD16FD102GP3F Datasheet HTML 3Page - Cornell Dubilier Electronics CD16FD102GP3F Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDE Cornell Dubilier
•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com
Type CD16 & CDV16 Snubber and RF Application, Mica Capacitors
Ideal for snubber and RF applications, CDV16 mica capacitors now handle
dV/dts up to 275,000 V/μs and they assure controlled, resonance-free
performance through 1 GHz. CDV16/CD16 mica capacitors excel in both
snubber applications and high-frequency applications like RF and CATV. Type
CDV16’s high pulse current capability make them ideal for pulse and snubber
applications. CDV16 capacitors withstand an unlimited number of pulses
with a dV/dt of 275,000 V/μs. This is a 20% increase in dV/dt capability when
compared to our CDV19 mica capacitors and CDV16’s are smaller too. CDV16
capacitors handle higher peak currents — up to 825 amps. They also handle
high continuous RMS current at 5 MHz and up to 30 MHz. For example, a 3000
pF CDV16 capacitor handles 6.2 A rms continuously at 13.56 MHz and it is 1/4
the cost of a comparable porcelain ceramic capacitor. In addition to being
great for snubbers, CDV16 is a fit for your RF applications. Their compact size
and closer lead spacing improves insertion loss performance — insertion loss
data is flat within ±0.2 dB, typically to beyond a gigahertz.
Higher dV/dt Capability and Flatter Insertion Loss
• Handles up to 9.0 amps rms continuous current
• Very low ESR from 10 to 100 MHz
• Low, notch-free impedance to 1GHz
• Stable: no capacitance change with (V), (t), and (f)
• Very high Q at UHF/VHF frequencies
• Tape and reeling available
• dV/dt capability up to 275,000 V/μs
• 1,500 amps peak current capability
Capacitance Range:
100 pF to 7,500 pF
Capacitance Tolerance:
±5% (J) standard;
±1% (F) and ±2%
(G) available
Voltage:
500 Vdc & 1,000 Vdc
Temperature Range:
–55 °C to +150 °C
Specifications
Highlights
Characteristics
Code
Temp. Coeff.
Capacitance
Standard Cap.
ppm/ ºC
Drift
Range
F
0 to +70
±(0.05% +0.1 pF)
91 pF and up
Capacitance Tolerance
Tol.
Code
Tolerance
F
±1 %
G
±2 %
J
±5 %
CD16 / CDV16
F
D / F
101
J
O
3
F
Series
Characteristic
Code
Voltage
(Vdc)
Capacitance
(pF)
Capacitance
Tolerance
Temperature
Range
Vibration
Grade
Blank =
Not Specified
F= RoHS
Compliant
D = 500 Vdc
F = 1000 Vdc
101 = 100 pF
102 = 1000 pF
O = –55 ºC to +125 ºC
P = –55 ºC to +150 ºC
Standard tolerance is ±5%
Standard vibration grade is 3
Vibration Grade
Vibration
No.
MIL-STD-202 Condition (Hz)
3
Method 204
Condition D
10 to 2,000
Part Numbering System
For RoHS compliant add the letter F at the end of the part number.


Número de pieza similar - CD16FD102GP3F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CD16FD102J03 ETC1-CD16FD102J03 Datasheet
512Kb / 5P
Miniature Dipped, Mica Capacitors
logo
Cornell Dubilier Electr...
CD16FD102J03 CDE-CD16FD102J03 Datasheet
347Kb / 2P
Snubber and RF Application, Mica Capacitors Higher dV/dt Capability and Flatter Insertion Loss
More results

Descripción similar - CD16FD102GP3F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sharma Electro Componen...
DM05 SHARMA-DM05 Datasheet
192Kb / 17P
MICA CAPACITORS
DM15FD SHARMA-DM15FD Datasheet
640Kb / 18P
MICA CAPACITORS
logo
Cornell Dubilier Electr...
CD16 CDE-CD16 Datasheet
347Kb / 2P
Snubber and RF Application, Mica Capacitors Higher dV/dt Capability and Flatter Insertion Loss
logo
Sharma Electro Componen...
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
Mica Capacitors
DM12 SHARMA-DM12 Datasheet
252Kb / 1P
Mica Capacitors
DM15 SHARMA-DM15 Datasheet
253Kb / 1P
Mica Capacitors
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
Mica Capacitors
DM20 SHARMA-DM20 Datasheet
253Kb / 1P
Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
Mica Capacitors
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
Mica Capacitors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com