| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD16FF101GO3 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics |
|
|
|||||||||||||||||||||||||||||
CD16FF101GO3 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics |
|
3 / 4 page ![]() CDE Cornell Dubilier •1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com Type CD16 & CDV16 Snubber and RF Application, Mica Capacitors Ratings Cap. (pF) Catalog Part Number L H T Ipk Max Continuous Current @ 85°C, Amps in (mm) in (mm) in (mm) Amps 100kHz 250 kHz 500 kHz 1MHz 2.5MHz 5MHz 500 Vdc (300 Vac) 100 CD16FD101JO3 .43 (10.9) .46 (11.7) 0.15 (3.8) 20 0.019 0.047 0.09 0.19 0.47 0.78 120 CD16FD121JO3 .43 (10.9) .46 (11.7) 0.15 (3.8) 24 0.023 0.057 0.11 0.23 0.57 0.86 150 CD16FD151JO3 .43 (10.9) .46 (11.7) 0.15 (3.8) 30 0.028 0.071 0.14 0.28 0.71 0.96 180 CD16FD181JO3 .43 (10.9) .46 (11.7) 0.15 (3.8) 36 0.034 0.085 0.17 0.34 0.85 1.1 220 CD16FD221JO3 .43 (10.9) .46 (11.7) 0.15 (3.8) 44 0.041 0.10 0.21 0.41 1.0 1.2 270 CD16FD271JO3 .45 (11.4) .47 (11.9) 0.16 (4.1) 54 0.051 0.13 0.25 0.51 1.3 1.3 330 CD16FD331JO3 .45 (11.4) .47 (11.9) 0.16 (4.1) 66 0.062 0.16 0.31 0.62 1.5 1.5 390 CD16FD391JO3 .45 (11.4) .47 (11.9) 0.16 (4.1) 78 0.074 0.18 0.37 0.74 1.6 1.6 470 CD16FD471JO3 .45 (11.4) .47 (11.9) 0.16 (4.1) 94 0.089 0.22 0.44 0.89 1.8 1.8 560 CD16FD561JO3 .46 (11.7) .50 (12.7) 0.18 (4.6) 110 0.11 0.26 0.53 1.1 2.0 2.0 680 CD16FD681JO3 .46 (11.7) .50 (12.7) 0.18 (4.6) 160 0.15 0.39 0.77 1.5 2.5 2.5 820 CD16FD821JO3 .46 (11.7) .50 (12.7) 0.18 (4.6) 160 0.15 0.39 0.77 1.5 2.5 2.5 1000 CD16FD102JO3 .46 (11.7) .50 (12.7) 0.18 (4.6) 200 0.19 0.47 0.94 1.9 2.7 2.7 1200 CD16FD122JO3 .46 (11.7) .50 (12.7) 0.18 (4.6) 240 0.23 0.57 1.1 2.3 3.0 3.0 1500 CD16FD152JO3 .46 (11.7) .50 (12.7) 0.18 (4.6) 300 0.28 0.71 1.4 2.7 3.3 3.3 1800 * CD16FD182JO3 .47 (11.9) .52 (13.2) 0.25 (6.4) 360 0.34 0.85 1.7 3.4 4.1 4.1 2200 CD16FD222JO3 .47 (11.9) .52 (13.2) 0.25 (6.4) 440 0.41 1.0 2.1 4.1 4.5 4.5 2700 CD16FD272JO3 .47 (11.9) .52 (13.2) 0.25 (6.4) 540 0.51 1.3 2.5 5.0 5.0 5.0 3000 CD16FD302JO3 .47 (11.9) .52 (13.2) 0.25 (6.4) 600 0.57 1.4 2.8 5.2 5.2 5.2 3300 CD16FD332JO3 .48 (12.2) .53 (13.7) 0.28 (7.1) 600 0.57 1.4 2.8 5.7 6.8 6.8 3600 CD16FD362JO3 .48 (12.2) .53 (13.7) 0.28 (7.1) 720 0.68 1.7 3.4 6.8 7.1 7.1 3900 CD16FD392JO3 .48 (12.2) .54 (13.7) 0.28 (7.1) 780 0.74 1.8 3.7 7.4 7.4 7.4 4300 CD16FD432JO3 .48 (12.2) .54 (13.7) 0.28 (7.1) 860 0.81 2.0 4.0 7.0 7.8 7.8 4700 CD16FD472JO3 .49 (12.5) .56 (14.2) 0.31 (7.9) 940 0.89 2.2 4.4 8.5 8.5 8.5 5600 CD16FD562JO3 .49 (12.5) .56 (14.2) 0.33 (8.4) 1100 1.1 2.6 5.3 9.0 9.0 9.0 6800 CD16FD682JO3 .50 (12.7) .57 (14.7) 0.38 (9.7) 1300 1.3 3.2 6.4 9.0 9.0 9.0 7500 CD16FD752JO3 .50 (12.7) .58 (14.7) .40 (10.2) 1500 1.4 3.5 7.1 9.0 9.0 9.0 1,000 Vdc (350 Vac) 100 CDV16FF101JO3 .43 (10.9) .46 (11.7) .15 (3.8) 23 0.022 0.055 0.11 0.22 0.55 0.92 120 CDV16FF121JO3 .43 (10.9) .46 (11.7) .15 (3.8) 27 0.026 0.066 0.13 0.26 0.66 1 130 CDV16FF131JO3 .43 (10.9) .46 (11.7) .15 (3.8) 29 0.029 0.071 0.14 0.29 0.71 1.1 150 CDV16FF151JO3 .43 (10.9) .46 (11.7) .15 (3.8) 34 0.033 0.082 0.16 0.33 0.82 1.1 180 CDV16FF181JO3 .43 (10.9) .46 (11.7) .15 (3.8) 41 0.04 0.10 0.2 0.4 1.0 1.2 200 CDV16FF201JO3 .43 (10.9) .46 (11.7) .15 (3.8) 45 0.044 0.11 0.22 0.44 1.1 1.3 220 CDV16FF221JO3 .43 (10.9) .46 (11.7) .15 (3.8) 50 0.048 0.12 0.24 0.48 1.2 1.4 240 CDV16FF241JO3 .43 (10.9) .46 (11.7) .15 (3.8) 54 0.053 0.13 0.26 0.53 1.3 1.4 270 CDV16FF271JO3 .45 (11.4) .47 (11.9) .16 (4.1) 61 0.059 0.15 0.3 0.59 1.5 1.6 300 CDV16FF301JO3 .45 (11.4) .47 (11.9) .16 (4.1) 68 0.066 0.16 0.33 0.7 1.6 1.7 330 CDV16FF331JO3 .45 (11.4) .47 (11.9) .16 (4.1) 74 0.073 0.18 0.36 0.73 1.8 1.8 360 CDV16FF361JO3 .45 (11.4) .47 (11.9) .16 (4.1) 81 0.079 0.2 0.4 0.79 1.8 1.8 390 CDV16FF391JO3 .45 (11.4) .47 (11.9) .16 (4.1) 88 0.086 0.21 0.43 0.86 1.9 1.9 420 CDV16FF421JO3 .45 (11.4) .47 (11.9) .16 (4.1) 95 0.092 0.23 0.46 0.92 2 2.0 430 CDV16FF431JO3 .45 (11.4) .47 (11.9) .16 (4.1) 97 0.095 0.24 0.47 0.95 2.0 2.0 470 CDV16FF471JO3 .45 (11.4) .47 (11.9) .16 (4.1) 106 0.1 0.26 0.52 1 2.1 2.1 500 CDV16FF501JO3 .45 (11.4) .47 (11.9) .16 (4.1) 113 0.11 0.27 0.55 1.1 2.2 2.2 510 CDV16FF511JO3 .45 (11.4) .47 (11.9) .16 (4.1) 115 0.11 0.28 0.56 1.1 2.2 2.2 560 CDV16FF561JO3 .46 (11.7) .50 (12.7) .17 (4.4) 126 0.12 0.31 0.62 1.2 2.4 2.4 620 CDV16FF621JO3 .46 (11.7) .50 (12.7) .17 (4.4) 140 0.14 0.34 0.68 1.4 2.5 2.5 680 CDV16FF681JO3 .46 (11.7) .50 (12.7) .17 (4.4) 153 0.15 0.37 0.75 1.5 2.7 2.7 750 CDV16FF751JO3 .46 (11.7) .50 (12.7) .17 (4.4) 169 0.16 0.41 0.82 1.6 2.8 2.8 820 CDV16FF821JO3 .46 (11.7) .50 (12.7) .17 (4.4) 185 0.18 0.45 0.9 1.8 2.9 2.9 910 CDV16FF911JO3 .46 (11.7) .50 (12.7) .17 (4.4) 205 0.2 0.5 1 2 3.1 3.1 1000 CDV16FF102JO3 .46 (11.7) .50 (12.7) .17 (4.4) 225 0.22 0.55 1.1 2.2 3.2 3.2 1200 CDV16FF122JO3 .46 (11.7) .50 (12.7) .17 (4.4) 270 0.26 0.66 1.3 2.6 3.5 3.5 1300 CDV16FF132JO3 .46 (11.7) .50 (12.7) .17 (4.4) 293 0.29 0.71 1.4 2.9 3.7 3.7 1500 CDV16FF152JO3 .46 (11.7) .50 (12.7) .18 (4.6) 338 0.33 0.82 1.6 3.3 3.9 3.9 1800 * CDV16FF182JO3 .47 (11.9) .52 (13.2) .25 (6.4) 495 0.4 0.99 2 4 4.8 4.8 2000 CDV16FF202JO3 .47 (11.9) .52 (13.2) .25 (6.4) 605 0.48 1.2 2.4 4.8 5.3 5.3 2200 CDV16FF222JO3 .47 (11.9) .52 (13.2) .25 (6.4) 605 0.48 1.2 2.4 4.8 5.3 5.3 2400 CDV16FF242JO3 .47 (11.9) .52 (13.2) .25 (6.4) 660 0.53 1.3 2.6 5.3 5.5 5.5 2700 CDV16FF272JO3 .47 (11.9) .52 (13.2) .25 (6.4) 743 0.59 1.5 3 5.8 5.8 5.8 3000 CDV16FF302JO3 .47 (11.9) .52 (13.2) .25 (6.4) 825 0.66 1.6 3.3 6.2 6.2 6.2 * Best RF performances is = to or < this cap rating. |