Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F205RBH7 Datasheet(PDF) 88 Page - STMicroelectronics

No. de pieza STM32F205RBH7
Descripción Electrónicos  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RBH7 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32F205RBH7 Datasheet HTML 84Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 85Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 86Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 87Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 88Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 89Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 90Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 91Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 184 page
background image
Electrical characteristics
STM32F20xxx
88/184
DocID15818 Rev 15
APB1
TIM2
0.61
mA
TIM3
0.49
TIM4
0.54
TIM5
0.62
TIM6
0.20
TIM7
0.20
TIM12
0.36
TIM13
0.28
TIM14
0.25
USART2
0.25
USART3
0.25
UART4
0.25
UART5
0.26
I2C1
0.25
I2C2
0.25
I2C3
0.25
SPI2
0.20/0.10
SPI3
0.18/0.09
CAN1
0.31
CAN2
0.30
DAC channel 1(2)
1.11
DAC channel 1(3)
1.11
PWR
0.15
WWDG
0.15
Table 26. Peripheral current consumption (continued)
Peripheral(1)
Typical consumption at 25 °C
Unit