Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F205VGH6 Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza STM32F205VGH6
Descripción Electrónicos  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205VGH6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32F205VGH6 Datasheet HTML 9Page - STMicroelectronics STM32F205VGH6 Datasheet HTML 10Page - STMicroelectronics STM32F205VGH6 Datasheet HTML 11Page - STMicroelectronics STM32F205VGH6 Datasheet HTML 12Page - STMicroelectronics STM32F205VGH6 Datasheet HTML 13Page - STMicroelectronics STM32F205VGH6 Datasheet HTML 14Page - STMicroelectronics STM32F205VGH6 Datasheet HTML 15Page - STMicroelectronics STM32F205VGH6 Datasheet HTML 16Page - STMicroelectronics STM32F205VGH6 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 184 page
background image
DocID15818 Rev 15
13/184
STM32F20xxx
Introduction
183
1
Introduction
This datasheet provides the description of the STM32F205xx and STM32F207xx lines of
microcontrollers. For more details on the whole STMicroelectronics STM32 family, refer to
Section 2.1: Full compatibility throughout the family.
The STM32F205xx and STM32F207xx datasheet should be read in conjunction with the
STM32F20x/STM32F21x reference manual. They will be referred to as STM32F20x devices
throughout the document.
For information on programming, erasing and protection of the internal Flash memory, refer
to the STM32F20x/STM32F21x Flash programming manual (PM0059).
The reference and Flash programming manuals are both available from the
STMicroelectronics website www.st.com.
For information on the Cortex®-M3 core refer to the Cortex®-M3 Technical Reference
Manual, available from the www.arm.com website.