Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

U415 Datasheet(PDF) 2 Page - TT Electronics.

No. de pieza U415
Descripción Electrónicos  Vitreous Enamelled Heavy Duty Tapewound Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TTELEC [TT Electronics.]
Página de inicio  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

U415 Datasheet(HTML) 2 Page - TT Electronics.

  U415 Datasheet HTML 1Page - TT Electronics. U415 Datasheet HTML 2Page - TT Electronics. U415 Datasheet HTML 3Page - TT Electronics. U415 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Construction
The stability and reliability of this range of resistors result
from the use of best quality materials in the construction. A
high purity ceramic tube is matched with nickel chromium or
copper nickel alloy resistance tape and specially formulated
enamel, ensuring the resistors withstand repeated heat
cycling without damage. Connections between the resistance
element and terminations are welded; other connections are
brazed. Ferrules are anchored into the tubes with high
temperature adhesive.
Terminations
Lugs (Figure 2) Solder coated nickel iron. Denoted by prefix
‘U’ to size reference, thus: U412.
Pigtails (Figure 3) 14/.193 mm copper, 150 mm minium
length. Denoted by prefix ‘UP’ thus: UP412.
Vitreous Enamelled Heavy
Duty Tapewound Resistors
U400 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
128
Issue D · 08.04
Welwyn Components
Maximum
Load: 1000 hrs at room temperature
∆R%
5
Shelf life:
12 months at room temperature
∆R%
1
Humidity: 56 days
∆R%
2
Ferrule, electrically live (Figure 4) Nickel plated brass.
Denoted by prefix ‘UC’ thus: UC412.
Ferrule, Electrically Isolated (Figure 5) Connection to
resistor via solder coated nickel iron lugs. Denoted by prefix
‘UCB’ thus: UCB412.
Marking
The resistors are legend marked with type reference,
resistance value, tolerance and manufacturing date code.
Value marking conforms to IEC 62.
Solvent Resistance
The vitreous coating and marking are resistant to all accepted
industrial cleaning fluids suitable for printed circuit boards.
Performance Data
Overload
Very few applications are alike and it is not practicable to
provide complete overload performance information in this
publication.
The curves in Figure 1 are for guidance only, and Welwyn
Components will give advice on specified applications.
The specification should define:
Peak power or current
Pulse duration and shape
Minimum time between successive pulses
Figure 2. Style U
Figure 6. Style UCT
Figure 3. Style UP
Figure 4. Style UC
Figure 5. Style UCB
Tapped Resistors
(Figure 6) A tapping band can be fitted to resistors when required.
Add ‘T’ to type reference when ordering, thus: UT412 or UCT412.
More than one band can be fitted to the larger resistors,
the maximum number depending on resistor body length.
U400_D.qxd
8/9/04
4:55 PM
Page 2
OBSOLETE



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com