Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM-CENTRO-C Datasheet(PDF) 8 Page - DemoPad Software Ltd

No. de pieza DM-CENTRO-C
Descripción Electrónicos  DemoPad IP Gateway
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DEMOPAD [DemoPad Software Ltd]
Página de inicio  http://www.demopad.com/
Logo DEMOPAD - DemoPad Software Ltd

DM-CENTRO-C Datasheet(HTML) 8 Page - DemoPad Software Ltd

Back Button DM-CENTRO-C Datasheet HTML 4Page - DemoPad Software Ltd DM-CENTRO-C Datasheet HTML 5Page - DemoPad Software Ltd DM-CENTRO-C Datasheet HTML 6Page - DemoPad Software Ltd DM-CENTRO-C Datasheet HTML 7Page - DemoPad Software Ltd DM-CENTRO-C Datasheet HTML 8Page - DemoPad Software Ltd DM-CENTRO-C Datasheet HTML 9Page - DemoPad Software Ltd DM-CENTRO-C Datasheet HTML 10Page - DemoPad Software Ltd DM-CENTRO-C Datasheet HTML 11Page - DemoPad Software Ltd DM-CENTRO-C Datasheet HTML 12Page - DemoPad Software Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
4. PHYSICAL CONNECTIONS
4.1 Rear Panel
1
4
7
2 3
5
6
1 Power On/Off switch
2 12V DC Power connection
3 10/100 Ethernet network connection
4 6 x RS-232 COM ports
5 12 x low voltage (1A/30 V DC) relays
6 16 x volt free inputs (do not connect voltage)
7 16 x Infra-Red outputs
4.2 Configuration and Setup
Connect the Ethernet (3) & Power (2) cables to the unit, and power the
unit up using the power switch (1). When the unit has powered up, use the
DemoPad Centro-C configuration software to continue. All configuration
and testing is performed with the DemoPad Centro-C software from
your computer. Please refer to www.demopad.com/centroc.php for full
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com