| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN54LS673J Datasheet(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN54LS673J Datasheet(HTML) 9 Page - Texas Instruments |
|
9 / 16 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 29-May-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) SNJ54LS673JT.A Active Production CDIP (JT) | 24 15 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962-8860201LA SNJ54LS673JT SNJ54LS673JT.A Active Production CDIP (JT) | 24 15 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962-8860201LA SNJ54LS673JT SNJ54LS674FK Active Production LCCC (FK) | 28 42 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962- 88607013A SNJ54LS 674FK SNJ54LS674FK Active Production LCCC (FK) | 28 42 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962- 88607013A SNJ54LS 674FK SNJ54LS674FK.A Active Production LCCC (FK) | 28 42 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962- 88607013A SNJ54LS 674FK SNJ54LS674FK.A Active Production LCCC (FK) | 28 42 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962- 88607013A SNJ54LS 674FK SNJ54LS674J Active Production CDIP (J) | 24 15 | TUBE No Call TI N/A for Pkg Type -55 to 125 5962-8860701JA SNJ54LS674J SNJ54LS674J Active Production CDIP (J) | 24 15 | TUBE No Call TI N/A for Pkg Type -55 to 125 5962-8860701JA SNJ54LS674J SNJ54LS674J.A Active Production CDIP (J) | 24 15 | TUBE No Call TI N/A for Pkg Type -55 to 125 5962-8860701JA SNJ54LS674J SNJ54LS674J.A Active Production CDIP (J) | 24 15 | TUBE No Call TI N/A for Pkg Type -55 to 125 5962-8860701JA SNJ54LS674J (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. Addendum-Page 3 |