Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SIWDM-L-R-S-S-S Datasheet(PDF) 2 Page - Coherent Corp

No. de pieza SIWDM-L-R-S-S-S
Descripción Electrónicos  SINGLE SIDE IWDM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COHERENT [Coherent Corp]
Página de inicio  https://www.coherent.com/
Logo COHERENT - Coherent Corp

SIWDM-L-R-S-S-S Datasheet(HTML) 2 Page - Coherent Corp

  SIWDM-L-R-S-S-S Datasheet HTML 1Page - Coherent Corp SIWDM-L-R-S-S-S Datasheet HTML 2Page - Coherent Corp SIWDM-L-R-S-S-S Datasheet HTML 3Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
SINGLE SIDE IWDM
Product Specification
Parameter
Min.
Typ.
Max.
unit
Signal Channel Wavelength
λs
C band (1528~1569 nm) or
L band (1570~1610 nm)
nm
Pump Channel Wavelength
λp
970~995
nm
Signal Insertion Loss
ILs
1.0
dB
Pump Insertion Loss ②
→③ @ λp
ILp
0.6
dB
Isolation @ λs
ISO1
18
dB
Pump Port Isolation @ λs
ISO2
18
dB
Signal Port Isolation @ λp
ISO3
35
dB
Signal Wavelength Dependent Loss
WDL
0.2
dB
Directivity @ λs
Dir
45
dB
Signal Polarization Dependent Loss
PDL
0.25
dB
Return Loss (All Ports) @ λs
RL
50
dB
Operating Temperature
-5
75
°C
Storage Temperature
-40
85
°C
Packaging Dimensions
Φ2.3 * L13
mm
Fiber Type(All ports)
80 μm fiber
Fiber Length(All ports)
1.00+/-0.1m
Fiber Color Coding
Port 1: Clear;
Port 2: Green(OFS 81161); Red(HI1060 RC);
Port 3: black
Product Dimensions
Dimensions in millimeters



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com