Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F412XG Datasheet(PDF) 71 Page - STMicroelectronics

No. de pieza STM32F412XG
Descripción Electrónicos  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412XG Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32F412XG Datasheet HTML 67Page - STMicroelectronics STM32F412XG Datasheet HTML 68Page - STMicroelectronics STM32F412XG Datasheet HTML 69Page - STMicroelectronics STM32F412XG Datasheet HTML 70Page - STMicroelectronics STM32F412XG Datasheet HTML 71Page - STMicroelectronics STM32F412XG Datasheet HTML 72Page - STMicroelectronics STM32F412XG Datasheet HTML 73Page - STMicroelectronics STM32F412XG Datasheet HTML 74Page - STMicroelectronics STM32F412XG Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 201 page
background image
PE0
-
-
TIM4_ETR
-
-
-
-
-
-
-
-
FSMC_NBL0
EVENTOUT
PE1
-
-
-
-
-
-
-
-
-
-
-
FSMC_NBL1
EVENTOUT
PE2
TRACECL
K
--
-
-
SPI4_SCK/
I2S4_CK
SPI5_SCK/
I2S5_CK
--
QUADSPI_
BK1_IO2
-
FSMC_A23
EVENTOUT
PE3
TRACED0
-
-
-
-
-
-
-
-
-
-
FSMC_A19
EVENTOUT
PE4
TRACED1
-
-
-
-
SPI4_NSS/
I2S4_WS
SPI5_NSS/
I2S5_WS
-
DFSDM1_
DATIN3
-
-
FSMC_A20
EVENTOUT
PE5
TRACED2
-
-
TIM9_CH1
-
SPI4_MISO
SPI5_MISO
-
DFSDM1_
CKIN3
-
-
FSMC_A21
EVENTOUT
PE6
TRACED3
-
-
TIM9_CH2
-
SPI4_MOSI/I
2S4_SD
SPI5_MOSI/
I2S5_SD
-
-
-
-
FSMC_A22
EVENTOUT
PE7
-
TIM1_ETR
-
-
-
-
DFSDM1_
DATIN2
--
-
QUADSPI_
BK2_IO0
FSMC_D4/
FSMC_DA4
EVENTOUT
PE8
-
TIM1_CH1N
-
-
-
-
DFSDM1_
CKIN2
--
-
QUADSPI_
BK2_IO1
FSMC_D5/
FSMC_DA5
EVENTOUT
PE9
-
TIM1_CH1
-
-
-
-
DFSDM1_
CKOUT
--
-
QUADSPI_
BK2_IO2
FSMC_D6/
FSMC_DA6
EVENTOUT
PE10
-
TIM1_CH2N
-
-
-
-
-
-
-
-
QUADSPI_
BK2_IO3
FSMC_D7/
FSMC_DA7
EVENTOUT
PE11
-
TIM1_CH2
-
-
-
SPI4_NSS/
I2S4_WS
SPI5_NSS/
I2S5_WS
--
-
FSMC_D8/
FSMC_DA8
EVENTOUT
PE12
-
TIM1_CH3N
-
-
-
SPI4_SCK/
I2S4_CK
SPI5_SCK/
I2S5_CK
--
-
-
FSMC_D9/
FSMC_DA9
EVENTOUT
PE13
-
TIM1_CH3
-
-
-
SPI4_MISO
SPI5_MISO
-
-
-
-
FSMC_D10/
FSMC_DA10
EVENTOUT
PE14
-
TIM1_CH4
-
-
-
SPI4_MOSI/I
2S4_SD
SPI5_MOSI/
I2S5_SD
--
-
-
FSMC_D11/
FSMC_DA11
EVENTOUT
PE15
-
TIM1_BKIN
-
-
-
-
-
-
-
-
-
FSMC_D12/
FSMC_DA12
EVENTOUT
Table 11. STM32F412xE/G alternate functions (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF12
AF15
SYS_AF
TIM1/
TIM2
TIM3/
TIM4/
TIM5
TIM8/
TIM9/
TIM10/
TIM11
I2C1/
I2C2/
I2C3/
I2CFMP1
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/I2S4
SPI2/I2S2/SPI3
/I2S3/SPI4/
I2S4/SPI5/I2S5
/DFSDM1
SPI3/I2S3/
USART1/
USART2/
USART3
DFSDM1/
USART3/
USART6/
CAN1
I2C2/I2C3/
I2CFMP1/
CAN1/CAN2
/TIM12/
TIM13/TIM14
/QUADSPI
DFSDM1/
QUADSPI/
FSMC
/OTG1_FS
FSMC /SDIO
SYS_AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More