Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S25FL128SDSNFAQ Datasheet(PDF) 78 Page - Cypress Semiconductor

No. de pieza S25FL128SDSNFAQ
Descripción Electrónicos  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDSNFAQ Datasheet(HTML) 78 Page - Cypress Semiconductor

Back Button S25FL128SDSNFAQ Datasheet HTML 74Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 75Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 76Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 77Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 78Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 79Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 80Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 81Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 82Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 77 of 148
S25FL128S/S25FL256S
Figure 50. Write Registers (WRR) Command Sequence – 16 data bits
The Write Registers (WRR) command allows the user to change the values of the Block Protect (BP2, BP1, and BP0) bits to define
the size of the area that is to be treated as read-only. The Write Registers (WRR) command also allows the user to set the Status
Register Write Disable (SRWD) bit to a 1 or a 0. The Status Register Write Disable (SRWD) bit and Write Protect (WP#) signal allow
the BP bits to be hardware protected.
When the Status Register Write Disable (SRWD) bit of the Status Register is a 0 (its initial delivery state), it is possible to write to the
Status Register provided that the Write Enable Latch (WEL) bit has previously been set by a Write Enable (WREN) command,
regardless of the whether Write Protect (WP#) signal is driven to the logic high or logic low state.
When the Status Register Write Disable (SRWD) bit of the Status Register is set to a 1, two cases need to be considered, depending
on the state of Write Protect (WP#):
If Write Protect (WP#) signal is driven to the logic high state, it is possible to write to the Status and Configuration Registers
provided that the Write Enable Latch (WEL) bit has previously been set to a 1 by initiating a Write Enable (WREN) command.
If Write Protect (WP#) signal is driven to the logic low state, it is not possible to write to the Status and Configuration Registers
even if the Write Enable Latch (WEL) bit has previously been set to a 1 by a Write Enable (WREN) command. Attempts to write to
the Status and Configuration Registers are rejected, and are not accepted for execution. As a consequence, all the data bytes in
the memory area that are protected by the Block Protect (BP2, BP1, BP0) bits of the Status Register, are also hardware protected
by WP#.
The WP# hardware protection can be provided:
by setting the Status Register Write Disable (SRWD) bit after driving Write Protect (WP#) signal to the logic low state;
or by driving Write Protect (WP#) signal to the logic low state after setting the Status Register Write Disable (SRWD) bit to a 1.
The only way to release the hardware protection is to pull the Write Protect (WP#) signal to the logic high state. If WP# is
permanently tied high, hardware protection of the BP bits can never be activated.
Notes:
1. The Status Register originally shows 00h when the device is first shipped from Cypress to the customer.
2. Hardware protection is disabled when Quad Mode is enabled (QUAD bit = 1 in Configuration Register). WP# becomes IO2; therefore, it cannot be utilized.
The WRR command has an alternate function of loading the Bank Address Register if the command immediately follows a BRAC
command. See Section 9.3.6 Bank Register Access (BRAC B9h) on page 75.
Table 48. Block Protection Modes
WP#
SRWD Bit
Mode
Write Protection of Registers
Memory Content
Protected Area
Unprotected Area
11
Software Pro-
tected
Status and Configuration Registers are Writable (if
WREN command has set the WEL bit). The values in
the SRWD, BP2, BP1, and BP0 bits and those in the
Configuration Register can be changed
Protected against Page
Program, Quad Input
Program, Sector
Erase, and Bulk Erase
Ready to accept Page
Program, Quad Input
Program and Sector
Erase commands
10
00
01
Hardware
Protected
Status and Configuration Registers are Hardware
Write Protected. The values in the SRWD, BP2, BP1,
and BP0 bits and those in the Configuration Register
cannot be changed
Protected against Page
Program, Sector
Erase, and Bulk Erase
Ready to accept Page
Program or Erase
commands
IInstruction
Status Register In
1
3
2
10
9
8
7
6
5
4
0
14
13
12
11
15
1
3
2
0
7
6
5
4
SCK
SI
SO
MSB
High Impedance
CS
Configuration Register In
18
17
16
22
21
20
19
23
1
3
2
0
7
6
5
4
MSB
#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com