Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

V4LST7 Datasheet(PDF) 3 Page - Saia-Burgess

No. de pieza V4LST7
Descripción Electrónicos  Burgess switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAIA-BURGESS [Saia-Burgess]
Página de inicio  
Logo SAIA-BURGESS - Saia-Burgess

V4LST7 Datasheet(HTML) 3 Page - Saia-Burgess

  V4LST7 Datasheet HTML 1Page - Saia-Burgess V4LST7 Datasheet HTML 2Page - Saia-Burgess V4LST7 Datasheet HTML 3Page - Saia-Burgess V4LST7 Datasheet HTML 4Page - Saia-Burgess  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
37
Burgess switches
www.burgess-switch.com
burgess-switch@johnsonelectric.om
V4L
Ordering Reference
Actuating
Release
Free
Operating
Movement
Total overtravel Overtravel
Actuator
Reference
Force Force Position
Position
Differential
Position
Maximum
Minimum
Maximum
Maximum
Minimum
Minimum
(N)
(ozf)
(N) (ozf)
(mm) (in)
(mm)
(in)
(mm) (in)
(mm) (in)
(mm)
(in)
Plunger
V4LT7
2,4
8,60 0,4 1,44
12,9 0,507 11,7 ± 0.4 0,46 ± 0.012 0,9 0,023 9,2
0,36
2,2
0,09
V4LST7
2,5
9,00 0,5 1,78
12,9 0,507 11,7 ± 0.4 0,46 ± 0.012 0,9 0,023 9,2
0,36
2,2
0,09
A1 Lever
V4L…
2,4
8,60 0,4 1,44
14,5 0,57 12,6 ± 0,8 0,59 ± 0.03 1,0 0,04
9,6
0,38
2,2
0,09
V4LS…
2,5
9,00 0,5 1,78
14,5 0,57 12,6 ± 0,8 0,59 ± 0.03 1,0 0,04
9,6
0,38
2,2
0,09
Width of lever 4.0 mm/0.16 in
A2 Lever
V4L…
1,5
5,70 0,3 1,08
16,5 0,65 13,5 ± 1.0 0,53 ± 0.04 1,3 0,05
9,6
0,38
2,9
1,1
V4LS…
2
7,20 0,3 1,08
16,5 0,65 13,5 ± 1.0 0,53 ± 0.04 1,3 0,05
9,6
0,38
2,9
1,1
Width of lever 4.0 mm/0.16 in
F Lever
V4L…
For positions and forces of this actuator please contact Burgess
V4LS…
Width of lever 4.0 mm/0.16 in



Html Pages

1 2 3 4